Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM9261 Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT91SAM9261
Description  ARM926EJ-S BASED MICROCONTROLLER
PDF  688 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM9261 Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT91SAM9261 Datasheet HTML 87Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 88Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 89Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 90Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 91Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 92Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 93Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 94Page - ATMEL Corporation AT91SAM9261 Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 688 page
background image
91
6062F–ATARM–05-Dec-06
AT91SAM9261 Preliminary
the binary file to send depends on the SRAM size embedded in the product. In all cases, the
size of the binary file must be lower than the SRAM size because the Xmodem protocol
requires some SRAM memory to work.
13.5.2
Xmodem Protocol
The Xmodem protocol supported is the 128-byte length block. This protocol uses a two-char-
acter CRC-16 to guarantee detection of a maximum bit error.
Xmodem protocol with CRC is accurate provided both sender and receiver report successful
transmission. Each block of the transfer looks like:
<SOH><blk #><255-blk #><--128 data bytes--><checksum> in which:
– <SOH> = 01 hex
– <blk #> = binary number, starts at 01, increments by 1, and wraps 0FFH to 00H
(not to 01)
– <255-blk #> = 1’s complement of the blk#.
– <checksum> = 2 bytes CRC16
Figure 13-7 shows a transmission using this protocol.
Figure 13-7. Xmodem Transfer Example
13.5.3
USB Device Port
A 48 MHz USB clock is necessary to use the USB Device port. It has been programmed ear-
lier in the device initialization procedure with PLLB configuration.
The device uses the USB communication device class (CDC) drivers to take advantage of the
installed PC RS-232 software to talk over the USB. The CDC class is implemented in all
releases of Windows®, from Windows 98SE to Windows XP. The CDC document, available at
www.usb.org, describes a way to implement devices such as ISDN modems and virtual COM
ports.
Host
Device
SOH 01 FE Data[128] CRC CRC
C
ACK
SOH 02 FD Data[128] CRC CRC
ACK
SOH 03 FC Data[100] CRC CRC
ACK
EOT
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com