Electronic Components Datasheet Search
  English  ▼

X  

ST102-CS Datasheet(PDF) 3 Page - DFI Inc

Part # ST102-CS
Description  8th/9th Gen Intel Core Processor Desktop Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST102-CS Datasheet(HTML) 3 Page - DFI Inc

  ST102-CS Datasheet HTML 1Page - DFI Inc ST102-CS Datasheet HTML 2Page - DFI Inc ST102-CS Datasheet HTML 3Page - DFI Inc ST102-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ST102-CS
Ordering Information
Model Name
Part Number
Description
ST102-CS
750-ST1021-000G
ST102-CS: CS101-Q370 W/TPM, F/G System RoHS
750-ST1021-100G
ST102-CS: CS101-H310 W/TPM, F/G System RoHS
750-ST1021-200G
ST102-CS: CS101-Q370 W/TPM, slim ODD, F/G System RoHS
750-ST1021-300G
ST102-CS: CS101-H310 W/TPM, slim ODD, F/G System RoHS
Optional Items
Part Number
Description
CPU
143-101805-500G
i7-9700TE, 1.8GHz to 3.8GHz, 8C8T, 12M cache, TDP 35W
143-10220G-500G
i5-9500TE, 2.2GHz to 3.6GHz, 6C6T, 9M cache, TDP 35W
143-10220E-500G
i3-9100TE, 2.2GHz to 3.2GHz, 4C4T, 6M cache, TDP 35W
143-10240A-500G
i7-8700T, 2.4GHz to 4GHz, 6C12T, 12M cache, TDP 35W
143-102104-501G
i5-8500T, 2.1GHz to 3.5GHz, 6C6T, 9M cache, TDP 35W
143-103105-500G
i3-8100T, 3.1GHz, 4C4T, 6M cache, TDP 35W
DIMM
138-540002-106G
4GB DDR4 2666Mhz SO-DIMM 1Rx8 512Mx8 CL19 1.2V
138-580004-102G
8GB DDR4 2666Mhz SO-DIMM 1Rx8 1Gx8 CL19 1.2V
138-5G0163-102G
16GB DDR4 2666Mhz SO-DIMM 2Rx8 1Gx8 CL19 1.2V
SSD M.2 2280
TBD
32GB, M.2 2280 SSD, SATA3 B+M Key, MLC
TBD
64GB, M.2 2280 SSD, SATA3 B+M Key, MLC
638-712811-100G
128GB, M.2 2280 SSD, SATA3 B+M Key, MLC
638-725615-100G
256GB, M.2 2280 SSD, SATA3 B+M Key, MLC
638-712818-100G
128GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-725614-100G
256GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
TBD
512GB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-701T01-100G
1TB, M.2 2280 SSD, SATA3 B+M Key, 3D TLC, PE: 3K
638-712816-110G
128GB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
638-725608-100G
256GB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
TBD
512GB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
TBD
1TB, M.2 2280, PCIe Gen3x4, M-Key, 3D TLC, PE: 3K
SSD MSATA
638-703203-110G
32GB, mSATA SSD, SATA3, MLC
638-706403-130G
64GB, mSATA SSD, SATA3, MLC
638-712800-160G
128GB, mSATA SSD, SATA3, MLC
638-725600-100G
256GB, mSATA SSD, SATA3, MLC
TBD
64GB, mSATA SSD, SATA3, 3D TLC, PE: 3K
TBD
128GB, mSATA SSD, SATA3, 3D TLC, PE: 3K
TBD
256GB, mSATA SSD, SATA3, 3D TLC, PE: 3K
TBD
512GB, mSATA SSD, SATA3, 3D TLC, PE: 3K
TBD
1TB, mSATA SSD, SATA3, 3D TLC, PE: 3K
Optional Items



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com