Electronic Components Datasheet Search
  English  ▼

X  

ST102-CS Datasheet(PDF) 4 Page - DFI Inc

Part # ST102-CS
Description  8th/9th Gen Intel Core Processor Desktop Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST102-CS Datasheet(HTML) 4 Page - DFI Inc

  ST102-CS Datasheet HTML 1Page - DFI Inc ST102-CS Datasheet HTML 2Page - DFI Inc ST102-CS Datasheet HTML 3Page - DFI Inc ST102-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ST102-CS
• 1 ST102-CS system unit
• 1 CPU cooler
• 1 Quick Installation Guide
Packing List
Optional Items
Optional Items
Part Number
Description
SSD 2.5"
635-600322-1A0G
32GB, 2.5" SSD, SATA3, MLC
635-600644-100G
64GB, 2.5" SSD, SATA3, MLC
635-601282-1E0G
128GB, 2.5" SSD, SATA3, MLC
635-602562-121G
256GB, 2.5" SSD, SATA3, MLC
635-605122-130G
512GB, 2.5" SSD, SATA3, MLC
635-601286-110G
128GB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
635-602566-150G
256GB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
635-605126-140G
512GB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
635-610006-110G
1TB, 2.5" SSD, SATA3, 3D TLC, PE: 3K
HDD 2.5"
635-550092-090G
2.5" SATAIII 500GB 5400RPM 128MB BLUE
635-500100-220G
2.5" SATAIII 1TB 5400RPM 128MB BLUE
TBD
2.5" SATAIII 2TB 5400RPM 128MB BLUE
TBD
2.5" SATAIII 500GB 7200RPM 64MB BLACK
635-500111-000G
2.5" SATAIII 1TB 7200RPM 64MB BLACK
OS
921-151310-000G
Win10 IoT Ent 2019 LTSC MultiLang High End EPKEA
921-151320-000G
Win10 IoT Ent 2019 LTSC MultiLang High End PKEA
921-151340-000G
Win10 IoT Ent 2019 LTSC MultiLang High Value EPKEA
921-151330-000G
Win10 IoT Ent 2019 LTSC MultiLang High Value PKEA
642-000W10-000G Win Pro 10 64Bit English 1pk DSP OEI DVD version 1809
Adapter AC/DC
671-110006-100G
Power Adapter AC/DC 100W 12V, inlet C14, lockable DC Jack 5.5/2.5mm,
cable length 1500mm, with DFI-JP PSE
Power Cord
332-700010-201G
Power Cord US 3pin 1830mm Length
A81-004003-000G
Power Cord EU 2pin 1830mm Length
A81-000001-000G
Power Cord China 3pin 1830mm Length
A81-004056-000G
Power Cord Japan 3pin 2000mm Length
Foot Stand
A31-027042-210G
ST102 support frame, AL BLACK
M.2 WIFI
761-OPS150-001G
1x intel M.2 2230 AC 3168.NGWG 802.11abgn/ac 1T1R + Bluetooth 4.2
2x MHF4 to SMA cable 200mm
2x dipole antenna
1x M2x4mm screw
TBD
1x Intel® Wireless-AC 9260, 2230, 2x2 AC+BT, Gigabit
2x MHF4 to SMA cable 200mm
2x dipole antenna
1x M2x4mm screw
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © August 27, 2020 DFI Inc.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com