Electronic Components Datasheet Search
  English  ▼

X  

ST102-CS Datasheet(PDF) 1 Page - DFI Inc

Part # ST102-CS
Description  8th/9th Gen Intel Core Processor Desktop Box PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

ST102-CS Datasheet(HTML) 1 Page - DFI Inc

  ST102-CS Datasheet HTML 1Page - DFI Inc ST102-CS Datasheet HTML 2Page - DFI Inc ST102-CS Datasheet HTML 3Page - DFI Inc ST102-CS Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ST102-CS
8th/9th Gen Intel® CoreProcessor
Desktop Box PC
Features
• 2DDR4 2666MHz SODIMM up to 32G
• 1x 2.5" SATA drive bay
1x optional slim ODD bay
• 2 LAN, 6 USB
3 Displays
H310
Q370
Dimensions
Panel
mSATA
SATA 3.0
USB 3.0
219.00
Front View
Right View
Left View
Rear View
Rear View
Front View
HDD LED
Power LED
Power Button
USB 2.0 Mic-in Line-out
USB 3.0 LAN1~2
DP
DC-in
HDMI


Similar Part No. - ST102-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
ST102-SD DFI-ST102-SD Datasheet
968Kb / 2P
Desktop Box PC
More results

Similar Description - ST102-CS

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
DT122-CR DFI-DT122-CR Datasheet
774Kb / 4P
3rd/2nd Gen Intel Core Desktop Box PC
DT122-HD DFI-DT122-HD Datasheet
934Kb / 4P
4th Gen Intel Core Desktop Box PC
DT122-HR DFI-DT122-HR Datasheet
794Kb / 4P
3rd/2nd Gen Intel Core Desktop Box PC
WM342-KD331 DFI-WM342-KD331 Datasheet
488Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
ES520-HU DFI-ES520-HU Datasheet
1Mb / 2P
4th Gen Intel Core Desktop Box PC
DT122-SD DFI-DT122-SD Datasheet
853Kb / 4P
6th/7th Gen Intel Core Processor Desktop Box PC
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com