Electronic Components Datasheet Search
  English  ▼

X  

PD35A Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PD35A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD35A Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PD35A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD35A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD35A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.prewell.com
2
Power Divider
SJM PREWELL
PD35A
Products and product information are subject to change without notice. Version 16
3000
3500
4000
4500
5000
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
25℃
Frequency (MHz)
Insertion Loss
3000
3500
4000
4500
5000
-35
-30
-25
-20
-15
-10
-5
0
25℃
Frequency (MHz)
Input Return Loss
3000
3500
4000
4500
5000
-35
-30
-25
-20
-15
-10
-5
25℃
Frequency (MHz)
Isoloation
Parameters
Units
Frequency (MHz)
3000
3200
3500
3800
4200
5000
Insertion Loss
dB
0.54
0.51
0.54
0.55
0.63
1.41
Isolation
dB
14.5
15.5
33.0
21.5
15.0
11.5
Input Return Loss
dB
-16.5
-18.5
-23.5
-31.5
-19.5
-9.0
Output Return Loss
dB
-15.0
-16.5
-18.5
-19.5
-15.0
-8.0
Amplitude Balance
dB
0.05
0.07
0.05
0.05
0.08
0.11
Phase Balance
deg
0.6
0.5
0.6
0.7
0.9
1.1
Typical RF Performance
3000
3500
4000
4500
5000
-35
-30
-25
-20
-15
-10
-5
0
25℃
Frequency (MHz)
Output Return Loss
Input Return Loss
Output Return Loss
Insertion Loss
Isolation



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com