Electronic Components Datasheet Search
  English  ▼

X  

PD35A Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PD35A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD35A Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PD35A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD35A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD35A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
http://www.prewell.com
3
Power Divider
SJM PREWELL
PD35A
Products and product information are subject to change without notice. Version 16
Lead-free /RoHS Compliant / Green SOT-26 Package Outline
Evaluation Board Layout (14.4 x 30.5)
XXXX
SYMBO
L
MILLIMETERS
NOTE
SYMBL
O
TOLERANCE OF
FORMAND
POSITION
NOT
E
MINIMUM NOMIANL MAXIMUM
A1
0.000
0.050
0.100
aaa
0.15
A2
1.000
1.100
1.200
bbb
0.20
b
-
0.100
0.450
ccc
0.10
c
0.110
0.150
0.190
ddd
0.10
D
2.800
2.900
3.000
3.4
E
2.600
2.800
3.000
E1
1.500
1.600
1.700
3.4
e
0.930
0.950
0.970
L
0.400
-
-
θ1
5
˚REF.
θ2
5
˚REF.
Mounting Instructions
1 Use a large ground pad area with many plated through-holes as shown.
2 We recommend 1 oz copper minimum.
3 Measurement for our data sheet was made on 0.8mm thick FR-4 Board.
4 RF trace width depends on the board material and construction.
5 Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.
Product
Code
Optional
(Year Code)
Optional(ICC)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com