Electronic Components Datasheet Search
  English  ▼

X  

PD35A Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PD35A
Description  Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PD35A Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PD35A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PD35A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PD35A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.prewell.com
1
Power Divider
SJM PREWELL
PD35A
Products and product information are subject to change without notice. Version 16
Parameter
Units
Frequency (MHz)
3000
3200
3500
3800
4200
5000
Insertion Loss
dB
0.54
0.51
0.54
0.55
0.63
1.41
Isolation
dB
14.5
15.5
33.0
21.5
15.0
11.5
Input Return Loss
dB
-16.5
-18.5
-23.5
-31.5
-19.5
-9.0
Output Return Loss
dB
-15.0
-16.5
-18.5
-19.5
-15.0
-8.0
Amplitude Balance
dB
0.05
0.07
0.05
0.05
0.08
0.11
Phase Balance
Deg.
0.6
0.5
0.6
0.7
0.9
1.1
Specifications
Features
• 3000 to 5000 MHz
• Insertion loss 0.51dB @ 3200MHz
• Isolation 33dB @ 3500MHz
• Lead-free / Green /
compliant SOT-26 Package
Applications
Functional Diagram
• Base station / Repeater / Mobile
/ Automotive / Military
– 5G, FDD-LTE, TD-LTE, WCDMA
RF IN
GND
5
2,4,6
OUT 1
OUT 2
1
3
Description
The PD35A is a high performance Divider in a high quality SOT-26
package & surface-mounted package. The device features low
insertion loss and high isolation. The device has a good input/output
matching and exceptional amplitude/phase balance. The product is
targeted for using as wireless infrastructure applications. All devices
are 100% RF and DC tested.
Absolute Maximum Ratings
Parameter
Rating
Unit
RF Power Input
30
dBm
Storage Temperature
-55 to 150
°C
Ambient Operating Temperature
-40 to 85
°C
1) Stresses above the maximum values listed have may cause permanent damage to the device.
1) Test Conditions : T=25°C, 50ohm System, Insertion Loss is less 3dB split.
3
6
1
4
2
5


Similar Part No. - PD35A

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PD3535 OSRAM-PD3535 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3535 OSRAM-PD3535 Datasheet
937Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
PD3536 OSRAM-PD3536 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
PD3536 OSRAM-PD3536 Datasheet
937Kb / 14P
Lead (Pb) Free Product - RoHS Compliant
PD3537 OSRAM-PD3537 Datasheet
212Kb / 11P
4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
More results

Similar Description - PD35A

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
Power Divider
JXWBGF-H-3-1-300 AAC-JXWBGF-H-3-1-300 Datasheet
80Kb / 1P
Power Divider
JXWBGF-A-2-0.1-400 AAC-JXWBGF-A-2-0.1-400 Datasheet
99Kb / 1P
Power Divider
JXWBGF-A-2-90-10.2-11.2 AAC-JXWBGF-A-2-90-10.2-11.2 Datasheet
94Kb / 1P
Power Divider
JXWBGF-A-2-180-1-200 AAC-JXWBGF-A-2-180-1-200 Datasheet
104Kb / 1P
Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
Power Divider
logo
M/A-COM Technology Solu...
MAPDCT0013 MA-COM-MAPDCT0013_15 Datasheet
129Kb / 3P
Power Divider
MAPDCT0026 MA-COM-MAPDCT0026_15 Datasheet
106Kb / 3P
Power Divider
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
Power divider
MAPDCT0033 MA-COM-MAPDCT0033_15 Datasheet
104Kb / 3P
Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com