Electronic Components Datasheet Search
  English  ▼

X  

HT2040A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT2040A
Description  Christmas Light Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2040A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT2040A Datasheet HTML 1Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 2Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 3Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 4Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 5Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 6Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 7Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 8Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pad Coordinates
Unit: mil
Pad No.
X
Y
Pad No.
X
Y
1
–46.47 –0.17
9
46.47 –23.89
2
–46.47 –7.01
10
46.47 –16.24
3
–46.47 –14.66
11
46.47
–4.51
4
–46.47 –32.22
12
46.47
42.59
5
–46.47 –42.59
13
35.17
42.59
6
–34.74 –42.59
14
23.86
42.59
7
38.82 –42.59
15
11.62
42.59
8
46.47 –42.59
16
–0.32
42.59
Chip size: 107
× 99 (mil)2
* The IC substrate should be connected to VDD in the PCB layout artwork.
Pad Description
Pad No. Pad Name I/O
Internal
Connection
Description
1L4
O
CMOS
Lamp driving signal
L4 generates a high SCR trigger signal to control the
lamp intensity.
2
VDD
I
—
Power supply (positive)
3
DK1
I
CMOS
Pull-Low
Demo function or group-5 selection input
If MODE is connected to VSS or open, DK1 will enable
the demo mode, i.e., show all the configurations (group-
1 ~ group-10) by being momentarily connected to VDD.
If MODE is connected to VDD, group-5 will be shown by
connecting DK1 to VDD.
4
SK2
I
CMOS
Pull-Low
One key activated display or group-6 selection
If MODE is connected to VSS or floating, SK2 will
display the next group by being momentarily pressed.
If MODE is connected to VDD, group-6 will be shown by
connecting SK2 to VDD.
5~8
K3~K6
I
CMOS
Pull-Low
Group1 ~ Group4 selection
If MODE is connected to VSS or floating, group-7~
group-10 will be shown by connecting MODE to VDD.
9SYNC
I
CMOS
PLL synchronous signal input
The PLL circuit is synchronized to the AC power
supply. The system can operate with a 60Hz or 50Hz
AC power supply system.
10
C
I
NMOS
For low pass PLL filters
HT2040A
2
26th Mar ’97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com