Electronic Components Datasheet Search
  English  ▼

X  

HT2040A Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT2040A
Description  Christmas Light Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2040A Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT2040A Datasheet HTML 1Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 2Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 3Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 4Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 5Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 6Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 7Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 8Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pad No. Pad Name I/O
Internal
Connection
Description
11
VSS
I
—
Power supply (ground)
12
MODE
I
CMOS
Pull-Low
MODE defines the operating functions of DK1, SK2,
and K3~K6 (refer to the functional description).
13
TEST
I
CMOS
Pull-High
For IC test only
14~16
L1~L3
O
CMOS
Lamp driving signals
L1~L3 generate high SCR trigger signals to control the
lamp intensity.
Approximate internal connection circuit
Absolute Maximum Ratings
Supply Voltage .............................. –0.3V to 5.5V
Storage Temperature................. –50
°C to 125°C
Input Voltage..................VSS–0.3V to VDD+0.3V
Operating Temperature............... –20
°C to 75°C
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Supply Voltage
—
—
4.5
5.0
5.5
V
IDD
Operating Current
5V
No load
—
300
600
µA
IOL
L1~L4 Output Sink Current
5V
VOL=0.5V
2.0
4.0
—
mA
IOH
L1~L4 Output Source Current
5V
VOH=4.5V
–15
–22
—
µA
VIH
“H” Input Voltage
—
—
0.8VDD
——
V
VIL
“L” Input Voltage
—
—
—
—
0.2VDD
V
FOSC
Internal System Frequency
—
AC 60Hz
—
122.9
—
KHz
AC 50Hz
—
102.4
—
HT2040A
3
26th Mar ’97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com