Electronic Components Datasheet Search
  English  ▼

X  

HT2040A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT2040A
Description  Christmas Light Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2040A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT2040A Datasheet HTML 1Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 2Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 3Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 4Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 5Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 6Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 7Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 8Page - Holtek Semiconductor Inc HT2040A Datasheet HTML 9Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Functional Description
The HT2040A provides 10 different lighting
configurations. Each lighting configuration is
called a group. A group is divided into sections
(up to 8 sections maximum) where each section
contains exactly one pattern. The patterns and
the corresponding sections can be programmed
into a group from a repository of up to 23 differ-
ent patterns. The default option for the chip is
12 patterns with 10 pre-programmed groups.
The groups can be individually selected by us-
ing the DK1, SK2, and K3~K6 pins, where each
pin has 2 functions that are decided by the
status of the MODE pin. All groups will be
displayed by momentarily connecting SK2 to
VDD with the MODE pin being connected to
VSS. Given this, the HT2040A provides a very
versatile and easy way of controlling lamps.
If the MODE pin is not connected to VDD and
power is turned on, the system will enable the
DEMO mode. But if the MODE pin is connected
to VDD, the system will show the group assign-
ment of each pin as shown in the following
table.
Selected Pin
MODE
Open or VSS
VDD
DK1
active high
—
Show
Group-5
momentarily Demo function
—
SK2
active high
—
Show
Group-6
momentarily One key show
—
K3 (active high)
Show Group-1
Show
Group-7
K4 (active high)
Show Group-2
Show
Group-8
K5 (active high)
Show Group-3
Show
Group-9
K6 (active high)
Show Group-4
Show
Group-10
Group List
The available 10 groups in which the lamps can
be displayed are illustrated in the following
diagram. Each group is comprised by sections
where each section contains only one pattern.
The approximate time of each section is based
upon the 60Hz AC power frequency.
HT2040A
4
26th Mar ’97



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com