Electronic Components Datasheet Search
  English  ▼

X  

SH79F166AF Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # SH79F166AF
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AF Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button SH79F166AF Datasheet HTML 90Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 91Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 92Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 93Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 94Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 95Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 96Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 97Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 98Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
SH79F166A
94
8.9.2 寄存器
Table 8.32 复位状态寄存器
B1H,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
RSTSTAT
WDOF
-
PORF
LVRF
CLRF
WDT.2
WDT.1
WDT.0
读/写
读/写
-
读/写
读/写
读/写
读/写
读/写
读/写
复位值 (POR)
0
-
1
0
0
0
0
0
复位值 (WDT)
1
-
u
u
u
0
0
0
复位值 (LVR)
u
-
u
1
u
0
0
0
复位值 (PIN)
u
-
u
u
1
0
0
0
位编号
位符号
说明
7
WDOF
看门狗溢出或程式超范围溢出标志位
看门狗溢出时由硬件置1,可由软件或上电复位清0
0:未发生WDT溢出或程式超范围溢出
1:发生WDT溢出或程式超范围溢出
5
PORF
上电复位标志位
上电复位后硬件置1,只能由软件清0
0:没有发生上电复位
1:发生过上电复位
4
LVRF
低压复位标志位
低压复位后置1,可由软件或上电复位清0
0:没有发生低压复位
1:发生过低压复位
3
CLRF
Reset引脚复位标志位
引脚复位后置1,由软件或上电复位清0
0:没有发生引脚复位
1:发生过引脚复位
2-0
WDT[2:0]
WDT溢出周期控制位
000:溢出周期最小值 = 4096ms
001:溢出周期最小值 = 1024ms
010:溢出周期最小值 = 256ms
011:溢出周期最小值 = 128ms
100:溢出周期最小值 = 64ms
101:溢出周期最小值 = 16ms
110:溢出周期最小值 = 4ms
111:溢出周期最小值 = 1ms
注意:应用中如果看门狗打开,程序清看门狗的最大间隔时间不能大于以上所列
最小值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com