Electronic Components Datasheet Search
  English  ▼

X  

SH79F166AF Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # SH79F166AF
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AF Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button SH79F166AF Datasheet HTML 70Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 71Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 72Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 73Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 74Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 75Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 76Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 77Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
SH79F166A
74
Table 8.19 PWM占空比控制寄存器高位(PWM0DH)
D6H
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
PWM0DH
-
-
-
-
PD0.11
PD0.10
PD0.9
PD0.8
读/写
-
-
-
-
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
-
0
0
0
0
位编号
位符号
说明
3-0
PD0[11:8]
12位PWM占空比高4位寄存器
PWM输出占空比 = [PD0.11,PD0.0] X PWM时钟
当[PP0.11,PP0.0]
≤ [PD0.11,PD0.0],如果PWM0S = 0,PWM0输出高电平。
当[PP0.11,PP0.0]
≤ [PD0.11,PD0.0],如果PWM0S = 1,PWM0输出低电平。
编程注意事项:
(1) 设置PWMLO寄存器内容为0x55;选择PWM模块时钟源。
(2) 通过写适当的值到PWM周期控制寄存器(PWMP)或PWM占空比寄存器(PWMD)设置PWM周期/占空比,先设置低位,
再设置高位。注意,即使高位数值不变,也要重写一次,否则,低位的修改无效
(3) 通过设置PWM控制寄存器(PWMC)的PWM0S位选择PWM输出模式(高电平有效或低电平有效)。
(4) 通过设置PWM控制寄存器(PWMC)中的EPWMx或EPWMx1位为“1”来允许PWM上桥或下桥输出。
(5) 如果PWM周期或者占空比需要改变,操作流程如同步骤2或者步骤3说明。修改后的重载计数器的值在下一个周期开始有效。
(6) 为避免干扰,设置PWMLO寄存器中的数据不等于0x55。
PWMn clock t
PWM
01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E 0F 01 02 03 04 05 06 07 08 09 0A 0B 0C 0D 01 02 03 04 05 06 07 08
Write [PPn.11, PPn.0] = 0DH
Write [PDn.11, PDn.0] = 07H
PWMn output
(PWMnS = 0)
Period cycle = 0FH x t
PWM
Duty cycle
= 06H x t
PWM
Period cycle = 0DH x t
PWM
Duty cycle
= 06H x t
PWM
Duty cycle
= 07H x t
PWM
n = 0 or 1
PWM输出周期或占空比更改示例
8.3.5 PWM01
如下图所示,一般的,当没有插入死区时间时,PWM01输出波形与PWM0输出波形互补。当PWM控制寄存器中EPWM01
位置1时,PWM01的输出波形硬件自动产生。
PWM0 output
(PWM0S = 0)
PWM01 output
(PWM0S = 0)
PWM0和PWM01引脚输出波形
注意:
(1) 尽管PWM0被禁止,但是如果PWM01被允许,则它们仍然会有输出信号。
(2) 如果EFLT置位,当FLT端口有效时,PWM01和PWM0都输出低(PWM0S = 0)或者都输出高(PWM0S = 1)。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com