Electronic Components Datasheet Search
  English  ▼

X  

SH79F166AF Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # SH79F166AF
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AF Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button SH79F166AF Datasheet HTML 76Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 77Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 78Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 79Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 80Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 81Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 82Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 83Page - List of Unclassifed Manufacturers SH79F166AF Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
SH79F166A
80
只有REN位置1时才允许接收。当RxD引脚检测到下降沿时串行口开始接收串行数据。为此,CPU对RxD不断采样,采样速
率为波特率的16倍。当检测下降沿时,16分频计数器立即复位。这有助于16分频计数器与RxD引脚上的串行数据位同步。16分
频计数器把每一位的时间分为16个状态,在第7、8、9状态时,位检测器对RXD端的电平进行采样。为抑制噪声,在这3个状态
采样中至少有2次采样值一致数据才被接收。如果所接收的第一位不是0,说明这位不是一帧数据的起始位,该位被忽略,接收
电路被复位,等待RxD引脚上另一个下降沿的到来。若起始位有效,则移入移位寄存器,并接着移入其它位到移位寄存器。9个
数据位和1个停止位移入之后,移位寄存器的内容被分别装入SBUF和RB8中,RI置1,但必须满足下列条件:
1. RI = 0
2. SM2 = 0或者接收的第9位 = 1,且接收的字节符合实际从机地址。
如果这些条件被满足,那么第9位移入RB8,8位数据移入SBUF,RI被置1。否则接收的数据帧会丢失。
在停止位的当中,接收器回到寻找RxD引脚上的另一个下降沿。用户必须用软件清除RI,然后才能再次接收。
Shift CLK
RxD
Bit Sample
D0
D1
D2
D3
D4
D5
D6
D7
D8
Start
Stop
RI
Receive Timing of Mode 2
方式3:9位EUART,可变波特率,异步全双工
方式3使用方式2的传输协议以及方式1的波特率产生方式。
Timer 4 Overflow
SERIAL
CONTROLLER
TX CLOCK
TX START
TX SHIFT
TI
RI
RX CLOCK
LOAD SBUF
RX START
RX SHIFT
Serial Port Interrupt
CLOCK
SIN
PAROUT
RXD
Read SBUF
Internal
Data Bus
Receive Shift Register
Timer 2 Overflow
1
0
1
0
16
÷
16
÷
1-TO-0
DETECTOR
Write to SBUF
BIT
DETECTOR
D8
SBUF
RB8
SAMPLE
TXD
PARIN
LOAD
CLOCK
SOUT
Internal
Data Bus
Transmit Shift Register
START
D8
TB8
STOP
TCLK
RCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com