Electronic Components Datasheet Search
  English  ▼

X  

47L16 Datasheet(PDF) 25 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 25 Page - Microchip Technology

Back Button 47L16 Datasheet HTML 21Page - Microchip Technology 47L16 Datasheet HTML 22Page - Microchip Technology 47L16 Datasheet HTML 23Page - Microchip Technology 47L16 Datasheet HTML 24Page - Microchip Technology 47L16 Datasheet HTML 25Page - Microchip Technology 47L16 Datasheet HTML 26Page - Microchip Technology 47L16 Datasheet HTML 27Page - Microchip Technology 47L16 Datasheet HTML 28Page - Microchip Technology 47L16 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 25
47L04/47C04/47L16/47C16
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Pin Descriptions
3.1.1
CAPACITOR INPUT (VCAP)
The VCAP pin is connected to the internal power bus of
the 47XXX.
If the Auto-Store feature is used, a CVCAP capacitor
must be connected to the VCAP pin in order to store
the energy required to complete the Auto-Store
operation
on
power-down.
The
capacitor
is
automatically charged through VCC. See Table 1-1 for
recommended CVCAP values.
If a capacitor is not connected to the VCAP pin, then
the VCAP pin must be connected to the VCC pin and
the Auto-Store feature must be disabled by writing the
ASE
bit in the STATUS register to a ‘0’ to prevent data
corruption in the EEPROM array when power is lost.
3.1.2
CHIP ADDRESS INPUTS (A1, A2)
The A1, A2 inputs are used by the 47XXX for multiple
device operation. The levels on these inputs are
compared with the corresponding Chip Select bits in
the slave address. The chip is selected if the
comparison is true.
Up to four devices may be connected to the same bus
by using different Chip Select bit combinations. If left
unconnected, these inputs will be pulled down
internally to VSS.
3.1.3
SERIAL DATA (SDA)
This is a bidirectional pin used to transfer addresses
and data into and data out of the device. It is an
open-drain terminal, therefore, the SDA bus requires a
pull-up resistor to VCC (typical 10 kΩ for 100 kHz, 2 kΩ
for 400 kHz and 1 MHz).
For normal data transfer SDA is allowed to change only
during SCL low. Changes during SCL high are
reserved for indicating the Start and Stop conditions.
3.1.4
SERIAL CLOCK (SCL)
This input is used to synchronize the data transfer from
and to the device.
3.1.5
HARDWARE STORE/EVENT
DETECT (HS)
This pin is used to initiate a Hardware Store operation
by driving the pin high for THSPW time. This will also
trigger a STATUS register write cycle to write the
EVENT
bit to a ‘1’.
This pin is ignored during Store and Recall operations,
or if VCAP is below VTRIP. If the AM bit in the STATUS
register is set to a ‘0’, the Hardware Store will not be
initiated, but the EVENT bit will still be written to a ‘1’.
If left unconnected, this input will be pulled down
internally to VSS.
3.2
Input Pull-down Circuitry
The A1, A2, and HS pins are internally pulled down to
VSS using dual-strength pull-down circuits. Figure 3-1
shows the block diagram of the circuit.
The circuit is designed to have a relatively strong
pull-down strength when the input voltage is below VIL,
and a much weaker pull-down when the input is above
VIH.
See Table 1-1 for actual resistance values.
FIGURE 3-1:
PULL-DOWN CIRCUIT
BLOCK DIAGRAM
TABLE 3-1:
PIN FUNCTION TABLE
Name
8-pin
PDIP
SOIC
TSSOP
Function
VCAP
1
Capacitor Input
A1
2
Chip Select Input
A2
3
Chip Select Input
VSS
4
Ground
SDA
5
Serial Data
SCL
6
Serial Clock
HS
7
Hardware Store/
Event Detect Input
VCC
8
Power Supply
I/O PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com