Electronic Components Datasheet Search
  English  ▼

X  

PL07A Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PL07A
Description  Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL07A Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PL07A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
http://www.prewell.com
2
Low Noise Amplifier
SJM PREWELL
PL07A
Products and product information are subject to change without notice. Version 16
800
820
840
860
880
900
0
5
10
15
20
25
30
Frequency (MHz)
25°C
-40°C
85°C
P1dB vs Frequency
800
820
840
860
880
900
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
25°C
-40°C
85°C
Output Return Loss
800
820
840
860
880
900
0
5
10
15
20
25
30
Frequency (MHz)
25°C
-40°C
85°C
Gain vs Frequency
Parameters
Units
Frequency (MHz)
800
900
S21
dB
20.8
20.2
S11
dB
-16.8
-20.7
S22
dB
-12
-12.8
P1dB
dBm
17.8
18
OIP3 @ 3dBm
dBm
32.8
32.8
NF
dB
0.68
0.69
800 MHz
– 900 MHz Application Circuit (3V / 45mA)
Gain Vs. Frequency
Input Return Loss
Output Return Loss
OIP3 vs. Frequency
P1dB vs. Frequency
-2
0
2
4
6
8
20
24
28
32
36
40
44
OIP3 @ 900MHz
OIP3 @ 1900MHz
OIP3 @ 2140MHz
OIP3 @ 2600MHz
Output Power (dBm)
OIP3 vs Output Power
OIP3 vs. Output Power
800
820
840
860
880
900
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
25°C
-40°C
85°C
800
820
840
860
880
900
0
10
20
30
40
50
60
Frequency (MHz)
25°C
-40°C
85°C
RF IN
RF OUT
100pF
100pF
100nH
100pF
1uF
Vdd
10nH
0.75pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com