Electronic Components Datasheet Search
  English  ▼

X  

PL07A Datasheet(PDF) 3 Page - SJM Prewell. All Rights Reserved.

Part # PL07A
Description  Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL07A Datasheet(HTML) 3 Page - SJM Prewell. All Rights Reserved.

  PL07A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
http://www.prewell.com
3
Low Noise Amplifier
SJM PREWELL
PL07A
Products and product information are subject to change without notice. Version 16
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Input Power (dBm)
Gain
Output Power
Output Power / Gain vs. Input Power @ 2600MHz
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Input Power (dBm)
Gain
Output Power
Output Power / Gain vs. Input Power @ 900MHz
800
820
840
860
880
900
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (MHz)
25°C
NF vs Frequency
0
1
2
3
4
5
0
15
30
45
60
75
90
25℃
Vd (V)
Id vs. Vd
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Gain
Output Power
Input Power (dBm)
Output Power / Gain vs Input Power @ 1.9GHz
-20
-15
-10
-5
0
5
10
0
5
10
15
20
25
Gain
Output Power
Input Power (dBm)
Output Power / Gain vs Input Power @ 2.14GHz
1
3
5
7
9
11
-60
-54
-48
-42
-36
-30
-24
5MHz
10MHz
Output Channel Power (dBm)
1
3
5
7
9
11
-60
-54
-48
-42
-36
-30
-24
5MHz
10MHz
Output Channel Power (dBm)
Output Power / Gain vs. Input Power @ 900MHz
Output Power / Gain vs. Input Power @1900MHz
Id vs. Vd
Output Power / Gain vs. Input Power @ 2140MHz
ACLR vs. Channel Power @ 1850MHz
3GPP WCDMA 6FA, Test Model5 TM1+64DPCH, 5MHz offset
ACLR vs. Channel Power @ 2140MHz
3GPP WCDMA 6FA, Test Model5 TM1+64DPCH, 5MHz offset
NF vs. Frequency
Output Power / Gain vs. Input Power @ 2600MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com