Electronic Components Datasheet Search
  English  ▼

X  

PL07A Datasheet(PDF) 7 Page - SJM Prewell. All Rights Reserved.

Part # PL07A
Description  Low Noise Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PL07A Datasheet(HTML) 7 Page - SJM Prewell. All Rights Reserved.

  PL07A Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PL07A Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
http://www.prewell.com
7
Low Noise Amplifier
SJM PREWELL
PL07A
Products and product information are subject to change without notice. Version 16
Parameters
Units
Frequency (MHz)
1900
2200
S21
dB
14.6
13.3
S11
dB
-20
-15
S22
dB
-10
-11
P1dB
dBm
17.2
18.0
OIP3 @ 3dBm
dBm
32.8
34.0
NF
dB
0.86
0.93
1900 MHz
– 2200 MHz Application Circuit (3V / 45mA)
1900
1950
2000
2050
2100
2150
2200
0
5
10
15
20
25
30
25℃
-40℃
85℃
Frequency (MHz)
Gain vs Frequency
1900
1950
2000
2050
2100
2150
2200
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
1900
1950
2000
2050
2100
2150
2200
-30
-25
-20
-15
-10
-5
0
25℃
-40℃
85℃
Frequency (MHz)
Output Return Loss
1900
1950
2000
2050
2100
2150
2200
0
10
20
30
40
50
60
25℃
-40℃
85℃
Frequency (MHz)
OIP3 vs Frequency
1900
1950
2000
2050
2100
2150
2200
0
5
10
15
20
25
30
25℃
-40℃
85℃
Frequency (MHz)
P1dB vs Frequency
1900
1950
2000
2050
2100
2150
2200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25℃
Frequency (MHz)
NF vs. Frequency
Gain Vs. Frequency
Input Return Loss
Output Return Loss
NF vs. Frequency
OIP3 vs. Frequency
P1dB vs. Frequency
RF IN
RF OUT
20pF
20pF
100nH
20pF
1uF
Vdd
1.8nH
0.5pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com