Electronic Components Datasheet Search
  English  ▼

X  

PM210 Datasheet(PDF) 7 Page - SJM Prewell. All Rights Reserved.

Part # PM210
Description  Ultra-linear Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM210 Datasheet(HTML) 7 Page - SJM Prewell. All Rights Reserved.

  PM210 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
http://www.prewell.com
7
Ultra-linear Mixer
SJM PREWELL
PM210
Products and product information are subject to change without notice. Version 13
Preliminary
Typical performance at cellular frequencies
( RF_156MHz / LO_201MHz / IF_45MHz / Ta = 25°C / VDD= 3V / LO_0dBm )
-10
-6
-2
2
6
10
10
15
20
25
30
35
40
LO POWER (dBm)
-10
-6
-2
2
6
10
0
2
4
6
8
10
LO POWER (dBm)
-10
-6
-2
2
6
10
2
4
6
8
10
12
LO POWER (dBm)
IIP3
1)
ZS= ZL = 50 Ohm; unless otherwise specified
Conversion Loss
Operating Current
Parameter / Test conditions
Symbol
min
Typ
max
Unit
Operating Current
Iop
-
7.6
-
mA
Conversion Loss
Lc
-
6.4
-
dB
SSBNoise Figure
Fssb
-
6.7
-
dB
2Tone 3rd Order IMD
PRF1= PRF2 = -3dBm
fRF1 = 155.5MHz ; fRF2 = 156.5MHz ; fLO = 45MHz
dIM3
-
65
-
dBc
3rd Order Input Intercept Point
IP3in
-
29.9
-
dBm
P-1dB Input Power
P-1dB
18.2
dBm
LO Leakage at RF/IF-Port (1,6)
PLO1,6
-
-26.15
-
dBm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com