Electronic Components Datasheet Search
  English  ▼

X  

PM210 Datasheet(PDF) 9 Page - SJM Prewell. All Rights Reserved.

Part # PM210
Description  Ultra-linear Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM210 Datasheet(HTML) 9 Page - SJM Prewell. All Rights Reserved.

  PM210 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
http://www.prewell.com
9
Ultra-linear Mixer
SJM PREWELL
PM210
Products and product information are subject to change without notice. Version 13
Preliminary
Lead-free /RoHS Compliant / Green SOT23-6L Package Outline
A
A2
A1
SEATIG
PLANE
SEE DETAIL A
GAUGE PLANE
0.01[0.25] BSC
L
DETAIL A
L1
c
Ø
SYM.
DIMENSIONS IN INCHES
DIMENSIONS IN MM
Min.
NOM.
Max.
Min.
NOM.
Max.
A
0.045
0.051
0.057
1.15
1.30
1.45
A1
0.000
-
0.006
0.00
-
0.15
A2
0.035
0.045
0.051
0.90
1.15
1.30
b
0.012
0.016
0.020
0.30
0.40
0.50
c
0.003
0.006
0.009
0.08
0.15
0.22
D
0.108
0.114
0.120
2.75
2.9
3.05
E1
0.057
0.063
0.069
1.45
1.60
1.75
E
0.102
0.110
0.118
2.60
2.80
3.00
e
0.037
0.95
e1
0.075
1.90
L
0.012
0.018
0.024
0.30
0.45
0.60
L1
0.018
0.024
0.030
0.45
0.60
0.75
Ø
0°
-
8°
0°
-
8°
Notes:
1. DIMENSION D DOES NOT INCLUDE MOLE FLASH, PROTRUSIONS OR GATE BURRS,
DIMENSION E1 DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
2. BASED FROM JEDEC MO-178 VARIATION AB.
6
1
D
E1
E
e
b
e1
X X X X
Product Code
Optional
(Year Code
or Blank)
Optional(ICC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com