Electronic Components Datasheet Search
  English  ▼

X  

PM210 Datasheet(PDF) 1 Page - SJM Prewell. All Rights Reserved.

Part # PM210
Description  Ultra-linear Mixer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM210 Datasheet(HTML) 1 Page - SJM Prewell. All Rights Reserved.

  PM210 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PM210 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
http://www.prewell.com
1
Ultra-linear Mixer
SJM PREWELL
PM210
Products and product information are subject to change without notice. Version 13
Preliminary
Parameter
Comment
min
typ
max
Unit
RF - Frequency range
external match
0.1
-
1.5
GHz
LO - Frequency range
external match
0.1
-
1.5
GHz
IF Frequency range
external match
40
250
MHz
Features
• Very High Input IP3 of 29.9 dBm
• Low Conversion Loss of 6.1 dB
(RF Freq_435MHz LO Freq_385MHz
LO Power_0 dBm)
• Low LO Power of -10 ~ 10dBm typical
• WideRF / IF Frequency Range
0.1 to > 1.5 GHz / 40 ~250 MHz
• Single-EndedPorts
• RF- and IF-Port Impedance 50 ohms
• Operating Voltage Range 3 to 6 V
• Very Low Current Consumptionof
8 mA typical
• All Gold Metallization
Description
The PM210 is an all port, single-ended, general purpose up- and down-
converter.
It combines small conversion losses and excellent intermodulation
characteristics with a low demand of LO- and DC-power.
The internal level controlled LO-buffer enables good performance over a
wide range of LO level inputs.
The mixer configuration allows RF or IF feed to either pin 1 or 6 and thus
requires a frequency separation circuit on the pc board.
1) Test Conditions : T=25°C, Supply Voltage=3V
2) Thermal Resistance _ Rth ≤ 40 C/W
Absolute Maximum Ratings
Functional Block Diagram
1) Stresses above the maximum values listed may cause permanent damage to the device.
2) MTTF is more than 100 years.
3) ESD : Electrostatic discharge sensitive device. Observe handling Precautions.
Applications
• Up – or Down - Converters
• Mobile Phones Receivers
•Two way radio Receivers
• Mobile Phones Base Stations
Parameter
Port
Symbol
Value
Unit
min
max
Supply Voltage
4
VDD
0
6
V
Power into RF-IF Ports
1 , 6
Pin,RF
23
dBm
Power into LO Input
3
Pin,LO
20
dBm
Channel Temperature
TCh
150
°C
Storage Temperature
Tstg
-55
150
°C
Electrical Characteristics
SOT23-6L Package
Pin
No.
Symbol
Pin
No.
Symbol
1
RF or IF
6
IF or RF
2
GND
5
GND
3
Lo In
4
Vdd
Pin Configuration
1
2
3
6
5
4
Vdd
GND
IF or RF
LO In
GND
RF or IF


Similar Part No. - PM210

ManufacturerPart #DatasheetDescription
logo
SJM Prewell. All Rights...
PM210 SJM-PM210 Datasheet
350Kb / 5P
Ultra-linear Mixer
logo
Schneider Electric
PM2100 SCHNEIDER-PM2100 Datasheet
9Mb / 92P
LED display screen: Intuitive self-guided navigation using three buttons LED display, with three lines of concurrent values.
03/2020
logo
Sames
PM2102DPD SAMES-PM2102DPD Datasheet
166Kb / 16P
Energy Meter Evaluation Module
logo
List of Unclassifed Man...
PM2104 ETC1-PM2104 Datasheet
390Kb / 4P
RFIC Power Amplifier
PM2105 ETC-PM2105 Datasheet
834Kb / 4P
1 WATT RFIC POWER AMPLIFIER 800 TO 2000 MHZ OPERATION
More results

Similar Description - PM210

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
Motorola, Inc
MC13143 MOTOROLA-MC13143 Datasheet
459Kb / 9P
Ultra Low Power DC-2.4 GHz Linear Mixer
logo
Peregrine Semiconductor...
PE4141 PEREGRINE-PE4141 Datasheet
195Kb / 5P
Ultra-linear UltraCMOS
logo
TriQuint Semiconductor
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
Ultra-Linear Mixer with Integrated LO Buffer
CMY212 TRIQUINT-CMY212_15 Datasheet
283Kb / 8P
Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
Ultra-linear Mixer with Integrated IF Amp and LO Buffer
logo
RF Micro Devices
UMV-1850-R16-G RFMD-UMV-1850-R16-G Datasheet
261Kb / 3P
ULTRA-LINEAR TUNING VOLTAGE
logo
SJM Prewell. All Rights...
PM210 SJM-PM210 Datasheet
350Kb / 5P
Ultra-linear Mixer
PM213 SJM-PM213 Datasheet
416Kb / 7P
Ultra-linear Mixer
PM485 SJM-PM485 Datasheet
454Kb / 12P
Ultra-linear Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com