Electronic Components Datasheet Search
  English  ▼

X  

PM485 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PM485
Description  Ultra-linear Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM485 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PM485 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.prewell.com
2
Ultra-linear Mixer
SJM PREWELL
PM485
Products and product information are subject to change without notice. Version 19
1700
1900
2100
2300
2500
2700
-2
0
2
4
6
8
10
Frequency (MHz)
25°C
-40°C
85°C
1700
1900
2100
2300
2500
2700
0
10
20
30
40
50
Frequency (MHz)
25°C
-40°C
85°C
1700
1900
2100
2300
2500
2700
0
10
20
30
40
50
Frequency (MHz)
25°C
-40°C
85°C
1700
1900
2100
2300
2500
2700
0
5
10
15
20
25
30
Frequency (MHz)
IF_50MHz
IF_100MHz
IF_200MHz
IF_300MHz
IF_400MHz
IF_500MHz
50
140
230
320
410
500
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
RF_1700MHz
RF_1800MHz
RF_2000MHz
RF_2200MHz
RF_2300MHz
RF_2600MHz
1700
1900
2100
2300
2500
2700
-30
-25
-20
-15
-10
-5
0
Frequency (MHz)
IF_50MHz
IF_100MHz
IF_200MHz
IF_300MHz
IF_400MHz
IF_500MHz
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
IF_50MHz
IF_100MHz
IF_200MHz
IF_300MHz
IF_400MHz
IF_500MHz
1700
1900
2100
2300
2500
2700
0
4
8
12
16
20
Frequency (MHz)
IF_50MHz
IF_100MHz
IF_200MHz
IF_300MHz
IF_400MHz
IF_500MHz
LO to RF Isolation / Temp / LO_0dBm
(IF=200MHz / Low-side LO )
RF to IF Isolation / Temp / LO_0dBm
(IF=200MHz / Low-side LO )
IF Return Loss / Low-side LO
(L0_0dBm_25ºC)
IIP3 / Low-side LO
( L0_0dBm_25ºC)
LO to IF Isolation / Temp / LO_0dBm
(IF=200MHz / Low-side LO )
Input P1dB / Low-side LO (L0_0dBm_25ºC)
RF Return Loss / Low-side LO
(L0_0dBm_25ºC)
Conversion Loss / Low-side LO
( L0_0dBm_25ºC)
Test condition: 50 Ohms, 3.3V, Ids=35 mA typical, Down converting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com