Electronic Components Datasheet Search
  English  ▼

X  

PM485 Datasheet(PDF) 9 Page - SJM Prewell. All Rights Reserved.

Part # PM485
Description  Ultra-linear Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM485 Datasheet(HTML) 9 Page - SJM Prewell. All Rights Reserved.

Back Button PM485 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 10Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 11Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 12Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
http://www.prewell.com
9
Ultra-linear Mixer
SJM PREWELL
PM485
Products and product information are subject to change without notice. Version 19
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
LO 0dB
LO -2dB
LO 2dB
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
LO 0dB
LO -2dB
LO 2dB
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
LO 0dB
LO -2dB
LO 2dB
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
25°C
-40°C
85°C
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
25°C
-40°C
85°C
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
25°C
-40°C
85°C
IIP3 LO Level
(IF=300MHz / High-side LO )
IIP3 LO Level
(IF=200MHz / High-side LO )
IIP3 LO Level
(IF=100MHz / High-side LO )
IIP3 Temp_LO_0dBm
(IF=300MHz / High-side LO )
IIP3 Temp_LO_0dBm
(IF=200MHz / High-side LO )
IIP3 Temp_LO_0dBm
(IF=100MHz / High-side LO )
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
LO 0dB
LO -2dB
LO 2dB
1700
1900
2100
2300
2500
2700
20
24
28
32
36
40
Frequency (MHz)
25°C
-40°C
85°C
IIP3 LO Level
(IF=400MHz / High-side LO )
IIP3 Temp_LO_0dBm
(IF=400MHz / High-side LO )
Test condition: 50 Ohms, 3.3V, Ids=35 mA typical, Down converting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com