Electronic Components Datasheet Search
  English  ▼

X  

PM485 Datasheet(PDF) 11 Page - SJM Prewell. All Rights Reserved.

Part # PM485
Description  Ultra-linear Mixer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PM485 Datasheet(HTML) 11 Page - SJM Prewell. All Rights Reserved.

Back Button PM485 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 7Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 8Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 9Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 10Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 11Page - SJM Prewell. All Rights Reserved. PM485 Datasheet HTML 12Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
http://www.prewell.com
11
Ultra-linear Mixer
SJM PREWELL
PM485
Products and product information are subject to change without notice. Version 19
Applications Information Test circuit
Lumped element values
BOM
Size
Value
Remark
C1
1608
180pF
-
C2
1608
1nF
-
C3
1608
100pF
-
L1
1608
10nH
Lo Frequency_1200 ~ 1700MHz
6.8nH
Lo Frequency_1700 ~ 1800MHz
0ohm
Lo Frequency_1800 ~ 3200MHz
* Recommend to tune L1 for certain frequency optimization such as using a few nH inductor or ferrite bead
2
3
6
7
8
1
4
5
LO
Vdd
RF
IF
C1
C2
C3
L1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com