Electronic Components Datasheet Search
  English  ▼

X  

IL755 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL755
Description  Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL755 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL755 Datasheet HTML 1Page - Vishay Siliconix IL755 Datasheet HTML 2Page - Vishay Siliconix IL755 Datasheet HTML 3Page - Vishay Siliconix IL755 Datasheet HTML 4Page - Vishay Siliconix IL755 Datasheet HTML 5Page - Vishay Siliconix IL755 Datasheet HTML 6Page - Vishay Siliconix IL755 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IL755/ ILD755
Document Number 83641
Rev. 1.4, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Current Transfer Ratio
Switching Characteristics
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector-emitter saturation voltage
IF = ± 10 mA,
IC = 10 mA
VCE(sat)
1.0
V
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Current Transfer
Ratio
VCE = 5.0 V, IF = ± 2.0 mA
IL755-1
CTR
750
%
ILD755-1
CTR
750
%
VCE = 5.0 V, IF = ± 1.0 mA
IL755-2
CTR
1000
%
ILD755-2
CTR
1000
%
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Rise time
VCC = 10 V, IF = 2.0 mA, RL = 100 Ω
IL755-1
tr
50
µs
ILD755-1
tr
50
µs
Fall time
VCC = 10 V, IF = 2.0 mA, RL = 100 Ω
IL755-1
tf
50
µs
ILD755-1
tf
50
µs
Rise time
VCC = 10 V, IF = 1.0 mA, RL = 100 Ω
IL755-2
tr
70
µs
ILD755-2
tr
70
µs
Fall time
VCC = 10 V, IF = 1.0 mA, RL = 100 Ω
IL755-2
tf
70
µs
ILD755-2
tf
70
µs
Figure 1. LED Forward Current vs.Forward Voltage
iil755_01
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
60
40
20
0
-20
-40
-60
–55°C
VF - LED Forward Voltage - V
85°C
25°C
Figure 2. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
iil755_02
.1
1
10
100
IF - LED Current - mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Vce=1V
Vce=5V
Normalized to:
Vce=5V
IF = 1 mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com