Electronic Components Datasheet Search
  English  ▼

X  

IL755 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # IL755
Description  Optocoupler, Photodarlington Output, AC Input, High Gain (Single, Dual Channel)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL755 Datasheet(HTML) 4 Page - Vishay Siliconix

  IL755 Datasheet HTML 1Page - Vishay Siliconix IL755 Datasheet HTML 2Page - Vishay Siliconix IL755 Datasheet HTML 3Page - Vishay Siliconix IL755 Datasheet HTML 4Page - Vishay Siliconix IL755 Datasheet HTML 5Page - Vishay Siliconix IL755 Datasheet HTML 6Page - Vishay Siliconix IL755 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number 83641
Rev. 1.4, 26-Oct-04
IL755/ ILD755
Vishay Semiconductors
Figure 3. Normalized Non-saturated and Saturated CTRCE vs.
LED Current
Figure 4. Normalized Non-Saturated and Saturated ICE vs. LED
Current
Figure 5. Normalized Non-Saturated and Saturated Collector-
Emitter Current vs. LED Current
iil755_03
100
10
1
.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Vce=1V
Vce=5V
IF - LED Current - mA
Normalized to:
Vce=5V
IF = 2 mA
iil755_04
100
1
.1
.01
.1
1
10
100
Vce=1V
Vce=5V
IF - LED Current - mA
IF = 2 mA
Vce = 5 V
Normalized to:
10
iil755_05
100
1
.1
.001
.01
.1
1
10
Vce=1V
Vce=5V
IF - LED Current - mA
IF = 10 mA
Vce=5V
Normalized to:
10
Figure 6. Non-Saturated and Saturated HFE vs. Base Current
Figure 7. Low to High Propagation Delay vs. Collector Load
Resistance and LED Current
Figure 8. High to low Propagation Delay vs. Collector Load
Resistance and LED Current
iil755_06
.01
.1
1
10
100
0
2000
4000
6000
8000
10000
Vce = 5 V
Vce=1V
Ib - Base Current -
µA
iil755_07
0
5
10
15
20
0
20
40
60
80
Vcc = 5V
Vth = 1.5 V
220
Ω
ıˇ
470
Ω
IF - LED Current - mA
100
Ω
1.0 k
Ω
iil755_08
0
5
10
15
20
0
5
10
15
20
100
Ω
1k
Ω
IF - LED Current - mA
Vcc = 5 V
Vth = 1.5 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com