Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530ACCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV4530ACCZ
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530ACCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV4530ACCZ Datasheet HTML 22Page - Analog Devices ADMV4530ACCZ Datasheet HTML 23Page - Analog Devices ADMV4530ACCZ Datasheet HTML 24Page - Analog Devices ADMV4530ACCZ Datasheet HTML 25Page - Analog Devices ADMV4530ACCZ Datasheet HTML 26Page - Analog Devices ADMV4530ACCZ Datasheet HTML 27Page - Analog Devices ADMV4530ACCZ Datasheet HTML 28Page - Analog Devices ADMV4530ACCZ Datasheet HTML 29Page - Analog Devices ADMV4530ACCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 26 of 59
UPCONVERTER M × N SPURIOUS PERFORMANCE
Mixer spurious products are measured in dBc from the RF
output power level.
For IF mode, spurious frequencies are calculated by
|(M × IF) + (N × LO)|
For I/Q mode, spurious frequencies are calculated by
|(M × I/Q) + (N × LO)|
IF Mode
IF frequency = 2715 MHz, RF frequency = 29 GHz, RF output
power = 10 dBm, VCTR_RF = 1.8 V, and VCTR_IF = 0 V. N/A
means not applicable.
N × VCO
0
1
2
3
M × IF
−2
N/A
−85.4
−79.5
−77.7
−1
N/A
−84.1
−36.9
−79.0
0
−74.3
−82.8
−20.1
−83.7
+1
−83.7
−82.4
0.0
−79.3
+2
−82.8
−83.6
−64.1
−78.8
I/Q Mode
I/Q frequency = 25 MHz, RF frequency = 29 GHz, RF output
power = 10 dBm, and VCTR_RF = 1.8 V. N/A means not
applicable.
N × VCO
0
1
2
3
M × I/Q
−3
N/A
−100.1
−69.5
−84.9
−2
N/A
−95.6
−85.8
−96.5
−1
N/A
−91.8
−27.6
−88.0
0
N/A
−89.4
−31.3
−80.9
+1
−76.1
−84.1
0.0
−94.4
+2
−96.9
−94.6
−51.2
−92.4
+3
−94.4
−98.3
−64.0
−93.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com