Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530ACCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADMV4530ACCZ
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530ACCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADMV4530ACCZ Datasheet HTML 10Page - Analog Devices ADMV4530ACCZ Datasheet HTML 11Page - Analog Devices ADMV4530ACCZ Datasheet HTML 12Page - Analog Devices ADMV4530ACCZ Datasheet HTML 13Page - Analog Devices ADMV4530ACCZ Datasheet HTML 14Page - Analog Devices ADMV4530ACCZ Datasheet HTML 15Page - Analog Devices ADMV4530ACCZ Datasheet HTML 16Page - Analog Devices ADMV4530ACCZ Datasheet HTML 17Page - Analog Devices ADMV4530ACCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 14 of 59
0
–55
–15
–35
–5
–25
–45
–20
–40
–30
–50
–10
28.0
30.0
29.2
29.6
29.8
29.0
29.4
28.8
28.6
28.4
28.2
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
NULLED
NO NULLING
Figure 27. LO to RF Feedthrogh vs. LO Frequency over Temperature,
Uncalibrated and Calibrated with LO Frequency = 28 GHz, 29 GHz, and
30 GHz, VCTR_RF = 1.8 V at TA = 25°C, I/Q Mode
0
–70
–30
–50
–10
–40
–60
–20
0
1.8
1.2
1.6
1.0
1.4
0.8
0.6
0.4
0.2
VCTR_RF (V)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
29GHz
Figure 28. LO to RF Feedthrogh vs. VCTR_RF over Temperature,
Uncalibrated and Calibrated with LO Frequency = 29 GHz at TA = 25°C,
I/Q Mode
0
–50
–45
–15
–25
–35
–5
–20
–30
–40
–10
0
1.8
1.2
1.6
1.0
1.4
0.8
0.6
0.4
0.2
VCTR_RF (V)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
29GHz
Figure 29. Sideband Rejection vs. VCTR_RF over Temperature, Uncalibrated and
Calibrated with RF Frequency = 29 GHz at TA = 25°C, I/Q Mode
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
27.0
27.4
27.8
28.2
28.6
29.0
29.4
29.8
30.2
30.6
31.0
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
28GHz
Figure 30. LO to RF Feethrough vs. LO Frequency, over Temperature,
Not Calibrated and Calibrated with LO Frequency = 28 GHz at TA = 25°C,
I/Q Mode
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
27.0
27.4
27.8
28.2
28.6
29.0
29.4
29.8
30.2
30.6
31.0
LO_FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
29GHz
Figure 31. LO to RF Feethrough vs. LO Frequency, over Temperature,
Not Calibrated and Calibrated with LO Frequency = 29 GHz at TA = 25°C,
I/Q Mode
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
27.0
27.4
27.8
28.2
28.6
29.0
29.4
29.8
30.2
30.6
31.0
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
30GHz
Figure 32. LO to RF Feethrough vs. LO Frequency, over Temperature,
Not Calibrated and Calibrated with LO Frequency = 30 GHz at TA = 25°C,
I/Q Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com