Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530ACCZ Datasheet(PDF) 51 Page - Analog Devices

Part # ADMV4530ACCZ
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530ACCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button ADMV4530ACCZ Datasheet HTML 47Page - Analog Devices ADMV4530ACCZ Datasheet HTML 48Page - Analog Devices ADMV4530ACCZ Datasheet HTML 49Page - Analog Devices ADMV4530ACCZ Datasheet HTML 50Page - Analog Devices ADMV4530ACCZ Datasheet HTML 51Page - Analog Devices ADMV4530ACCZ Datasheet HTML 52Page - Analog Devices ADMV4530ACCZ Datasheet HTML 53Page - Analog Devices ADMV4530ACCZ Datasheet HTML 54Page - Analog Devices ADMV4530ACCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 51 of 59
Address: 0x037, Reset: 0x00, Name: REG0037
VCO Band Select (Bypas s Autocalibration)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] SI_BAND_SEL (R/W)
Table 46. Bit Descriptions for REG0037
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
SI_BAND_SEL
VCO Band Select (Bypass Autocalibration)
0x0
0x0
R/W
Address: 0x038, Reset: 0x00, Name: REG0038
VCO Core Select (Bypas s Autocalibration)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] SI_VCO_SEL (R/W)
[3:0] RESERVED
Table 47. Bit Descriptions for REG0038
Bits
Bit Name
Description
Reset
Recommended
Access
[7:4]
SI_VCO_SEL
VCO Core Select (Bypass Autocalibration)
0x0
0x0
R/W
[3:0]
RESERVED
Reserved
0x0
0x0
R/W
Address: 0x039, Reset: 0x00, Name: REG0039
VCO VTUNE Target Voltage Select
VCO Tes t Mux Select
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[3:0] SI_VTUNE_CAL_SET (R/W)
[6:4] VCO_FSM_TEST_MUX_SEL (R/W)
Table 48. Bit Descriptions for REG0039
Bits
Bit Name
Description
Reset
Recommended
Access
7
RESERVED
Reserved
0x0
0x0
R
[6:4]
VCO_FSM_TEST_MUX_SEL
VCO Test Mux Select
0x0
0x0
R/W
000: busy
001: N band
010: R band
011: Reserved
100: timeout clock
101: bias minimum
110: ADC busy
111: logic low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com