Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 13 Page - Analog Devices

Part # LT8612
Description  Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 13 Page - Analog Devices

Back Button LT8612 Datasheet HTML 9Page - Analog Devices LT8612 Datasheet HTML 10Page - Analog Devices LT8612 Datasheet HTML 11Page - Analog Devices LT8612 Datasheet HTML 12Page - Analog Devices LT8612 Datasheet HTML 13Page - Analog Devices LT8612 Datasheet HTML 14Page - Analog Devices LT8612 Datasheet HTML 15Page - Analog Devices LT8612 Datasheet HTML 16Page - Analog Devices LT8612 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LT8653S
13
Rev. 0
For more information www.analog.com
OPERATION
Foreword
The LT8653S is a dual monolithic step-down regula-
tor. The two channels are the same in terms of current
capability and power switch size. The following sections
describe the operation of channel 1 and common circuits.
They will highlight channel 2 differences and interactions
only when relevant.
Operation
The LT8653S is a dual monolithic, constant frequency,
peak current mode step-down DC/DC converter. An oscil-
lator, with frequency set using a resistor on the RT pin,
turns on the internal top power switch at the beginning of
each clock cycle. Current in the inductor then increases
until the top switch current comparator trips and turns off
the top power switch. The peak inductor current at which
the top switch turns off is controlled by the voltage on
the VC node. The error amplifier servos the VC node by
comparing the voltage on the VFB pin with an internal 0.8V
reference. When the load current increases, it causes a
reduction in the feedback voltage relative to the reference,
leading the error amplifier to raise the VC voltage until the
average inductor current matches the new load current.
When the top power switch turns off, the synchronous
power switch turns on until the next clock cycle begins or
inductor current falls to zero when not in forced continu-
ous mode (FCM). If overload conditions result in more
than the bottom NMOS current limit flowing through the
bottom switch, the next clock cycle will be delayed until
switch current returns to a safe level.
The “S” in LT8653S refers to the second generation
Silent Switcher technology. This technology allows fast
switching edges for high efficiency at high switching fre-
quencies, while simultaneously achieving good EMI/EMC
performance. This includes the integration of ceramic
capacitors into the package for VIN, VCC, BST1 and BST2
(C1–C4 in the block diagram). These caps keep all the
fast AC current loops small, which improves EMI/EMC
performance.
If the EN/UV pin is low, both channels are shut down and
the LT8653S draws 1.7µA from the input supply. When
the EN/UV pin is above 0.74V, both switching regulators
will become active. 6.2μA is supplied by VIN to common
bias circuits for both channels.
Each channel can independently enter Burst Mode opera-
tion to optimize efficiency at light load. Between bursts,
all circuitry associated with controlling the output switch
is shut down, reducing the channel’s contribution to input
supply current. In a typical application, 6.2μA will be
consumed from input supply when regulating one chan-
nel with no load. Ground the SYNC pin for Burst Mode
operation, float it for forced continuous mode (FCM) or
apply a DC voltage higher than 1.8V to use FCM with
spread spectrum modulation (SSM). If a clock is applied
to the SYNC pin both channels will synchronize to the
external clock frequency and operate in FCM. While in
FCM, the oscillator operates continuously and rising SW
transitions are aligned to the clock. During light loads,
the inductor current is allowed to go negative to maintain
the programmed switching frequency. Minimum current
limits for both power switches are enforced to prevent
large negative inductor current from flowing back to the
input. SSM dithers the switching frequency from the pro-
grammed value set by the RT pin up to 20% higher than
the programmed value to spread out the switching energy
in the frequency domain. The CLKOUT pin has no output
in Burst Mode operation, but outputs a square wave 90
degrees phase shifted from channel 1 when in FCM. If a
clock is applied to the SYNC pin, the CLKOUT pin has the
same phase and duty cycle as the external clock.
To improve efficiency across all loads, supply current
to internal circuitry can be sourced from the BIAS pin
when biased at 3.3V or above. Otherwise, the internal
circuitry will draw current exclusively from VIN. The BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com