Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 16 Page - Analog Devices

Part # LT8612
Description  Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8612 Datasheet HTML 12Page - Analog Devices LT8612 Datasheet HTML 13Page - Analog Devices LT8612 Datasheet HTML 14Page - Analog Devices LT8612 Datasheet HTML 15Page - Analog Devices LT8612 Datasheet HTML 16Page - Analog Devices LT8612 Datasheet HTML 17Page - Analog Devices LT8612 Datasheet HTML 18Page - Analog Devices LT8612 Datasheet HTML 19Page - Analog Devices LT8612 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LT8653S
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
feedback divider reflected to the input of channel 1 oper-
ating at its light load efficiency n. For a 3.3V application
with R1 = 1M and R2 = 316k, the feedback divider draws
2.5µA. With VIN = 12V and n = 80%, this adds 0.9µA to the
3.7µA quiescent current resulting in 4.6µA no-load cur-
rent from the 12V supply. Note that this equation implies
that the no-load current is a function of VIN; this is plotted
in the Typical Performance Characteristics section.
A similar calculation can be done to determine the input
current contribution from the channel 2 feedback resis-
tors. For a 5V application with R3  =  1M, R4  =  191k,
VIN = 12V and n = 80%, this adds 2.2µA to the input cur-
rent resulting in a total of 6.8µA with both channels on.
For a typical FB resistor of 1MΩ, a 4.7pF to 10pF phase-
lead capacitor should be connected from VOUT to FB.
D0 and D1 Pin Settings
The D0 and D1 pins can be configured to set up the part
for fixed output voltages. Each pin can be grounded, left
open, or tied to VCC to program a total of nine differ-
ent output voltage configurations. When D0 and D1 are
grounded, both FB pins regulate to 0.8V and an external
feedback resistor divider network can be used to set the
output voltage as described in the FB Resistor Divider sec-
tion. Other D0 and D1 combinations connect an internal
feedback resistor divider between the FB pin and the error
amplifier, so the FB pin can be connected directly to the
output node to regulate a 5V, a 3.3V or a 1.8V output. The
internal feedback resistor divider simplifies the external
circuit by eliminating the need for an external feedback
resistor divider network. The internal feedback resistor
divider is a total of 12MΩ so reduces the no load qui-
escent current of the part beyond what is feasible when
using an external resistor divider.
Table 1 shows the regulation voltages for the FB1 and
FB2 pins for each D0 and D1 configuration. When a FB
pin regulates to 5V, 3.3V or 1.8V, it should be connected
directly to the output. When a FB pin regulates to 0.8V,
an external resistor divider network should be used to set
the output voltage.
Table 1. D0 and D1 Fixed Output Voltage Configurations
D0
D1
VFB1
VFB2
0
0
0.8
0.8
0
Open
3.3
0.8
Open
0
5
0.8
Open
Open
5
3.3
0
VCC
3.3
3.3
VCC
0
5
5
VCC
Open
3.3
1.8
Open
VCC
5
1.8
VCC
VCC
1.8
0.8
The D0 and D1 pins can handle up to 2.5µA of pull-up
or pull-down leakage in the open state without changing
state. However, if a customer would like to drive the D0 or
D1 pin to the open state, connect the D0 or D1 pin to the
middle of a resistor divider formed by two 10k resistors
from VCC to ground.
Setting the Switching Frequency
The LT8653S uses a constant frequency PWM architec-
ture that can be programmed to switch from 300kHz to
3MHz by using a resistor tied from the RT pin to ground.
Table  2 shows the necessary RT value for a desired
switching frequency.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
41.7
fSW
– 5.8
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com