Electronic Components Datasheet Search
  English  ▼

X  

LT8612 Datasheet(PDF) 21 Page - Analog Devices

Part # LT8612
Description  Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8612 Datasheet(HTML) 21 Page - Analog Devices

Back Button LT8612 Datasheet HTML 17Page - Analog Devices LT8612 Datasheet HTML 18Page - Analog Devices LT8612 Datasheet HTML 19Page - Analog Devices LT8612 Datasheet HTML 20Page - Analog Devices LT8612 Datasheet HTML 21Page - Analog Devices LT8612 Datasheet HTML 22Page - Analog Devices LT8612 Datasheet HTML 23Page - Analog Devices LT8612 Datasheet HTML 24Page - Analog Devices LT8612 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LT8653S
21
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
to optimize the performance. LTspice® and LTpowerCAD®
simulations can help in this process. Stability should then
be checked across all operating conditions, including load
current, input voltage and temperature.
The LT1375 data sheet contains a more thorough discus-
sion of loop compensation and describes how to test the
stability using a transient load.
Figure 3 shows an equivalent circuit for the LT8653S
control loop. The error amplifier is a transconductance
amplifier with finite output impedance. The power section,
consisting of the modulator, power switches and inductor,
is modeled as a transconductance amplifier generating an
output current proportional to the voltage at the VC pin.
Note that the output capacitor integrates this current and
that the capacitor on the VC pin (CC) integrates the error
amplifier output current, resulting in two poles in the loop.
A zero is required and comes from a resistor RC in series
with CC. This simple model works well as long as the value
of the inductor is not too high and the loop crossover
frequency is much lower than the switching frequency. A
phase lead capacitor (CPL) across the feedback divider can
be used to improve the transient response and is required
to cancel the parasitic pole caused by the feedback node
to ground capacitance.
Figure 3. Model for Loop Response
8653S F03
OUTPUT
VC
FB
CC
CF
CPL
C1
RC
R1
R2
1.25M
LT8653S
CURRENT MODE
POWER STAGE
Gm = 4.8S
gm = 1.2mS
0.8V
Figure 4a shows the transient response for an application
which uses internal compensation. Figure 4b shows the
improved transient response of the same application when
a 34.8k RC and 470pF CC compensation network is used.
Use of an external compensation network increases the
quiescent current by about 50µA per channel.
a)
40ms/DIV
IL
1A/DIV
VOUT
100mV/DIV
8653S F04a
0A TO 1A TRANSIENT
3.3VOUT, D0 = D1 = 0V
COUT = 100µF
FCM, fSW = 2MHz (RT = 15k)
b)
40ms/DIV
IL
1A/DIV
VOUT
100mV/DIV
8653S F04b
0A TO 1A TRANSIENT
3.3VOUT, D0 = D1 = 0V
COUT = 100µF
FCM, fSW = 2MHz (RT = 15k)
CC = 470pF, RC = 34.8k
Figure 4. Transient Response
Output Voltage Tracking and Soft-Start
The LT8653S allows the user to program its output volt-
age ramp rate with the SS pin. An internal 2μA current
pulls up the SS pin to VCC. Putting an external capacitor
on SS enables soft-starting the output to prevent current
surge on the input supply. During the soft-start ramp the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com