Electronic Components Datasheet Search
  English  ▼

X  

PI1004-2 Datasheet(PDF) 14 Page - Vicor Corporation

Part # PI1004-2
Description  Programmable Point-of-Load Controller with 6-bit VID
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-2 Datasheet(HTML) 14 Page - Vicor Corporation

Back Button PI1004-2 Datasheet HTML 8Page - Vicor Corporation PI1004-2 Datasheet HTML 9Page - Vicor Corporation PI1004-2 Datasheet HTML 10Page - Vicor Corporation PI1004-2 Datasheet HTML 11Page - Vicor Corporation PI1004-2 Datasheet HTML 12Page - Vicor Corporation PI1004-2 Datasheet HTML 13Page - Vicor Corporation PI1004-2 Datasheet HTML 14Page - Vicor Corporation PI1004-2 Datasheet HTML 15Page - Vicor Corporation PI1004-2 Datasheet HTML 16Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 14 of 16
0.0
2.0
4.0
6.0
8.0
10.0
12.0
0
50
100
150
Output Current (A)
LL
NL
HL
Spec max
Figure 20 - Output voltage ripple vs. output current;
Vin: 10.2/12.0/13.8 V, Vout: 1.0 V, Ta: Room temp.
Figure 18e - Transient Load Response 5 A–95 A–5 A VID=1.6 V
Cload=240 µF
Figure 18f - Transient Load Response 95 A–5 A VID=1.6 V
Cload=240 µF
Figure 19a - Monotonic Full Range DAC Incrementing
VID=0.8375 V to VID=1.6 V
Figure 19b - Monotonic Full Range DAC Decrementing
VID=1.6 V to VID=0.8375 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com