Electronic Components Datasheet Search
  English  ▼

X  

PI1004-2 Datasheet(PDF) 3 Page - Vicor Corporation

Part # PI1004-2
Description  Programmable Point-of-Load Controller with 6-bit VID
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI1004-2 Datasheet(HTML) 3 Page - Vicor Corporation

  PI1004-2 Datasheet HTML 1Page - Vicor Corporation PI1004-2 Datasheet HTML 2Page - Vicor Corporation PI1004-2 Datasheet HTML 3Page - Vicor Corporation PI1004-2 Datasheet HTML 4Page - Vicor Corporation PI1004-2 Datasheet HTML 5Page - Vicor Corporation PI1004-2 Datasheet HTML 6Page - Vicor Corporation PI1004-2 Datasheet HTML 7Page - Vicor Corporation PI1004-2 Datasheet HTML 8Page - Vicor Corporation PI1004-2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Picor Corporation • picorpower.com
PI1004 Data Sheet Rev. 2.5 Page 3 of 16
Absolute Maximum Ratings
Package Connection Diagram
Electrical Specifications
Unless otherwise specified: -40°C < Tj < 125 °C, 4.5V < VCC < 13.2V
These are stress ratings only and functional operation
of the device at these ratings is not implied. Exposure
to absolute maximum rating conditions for extended
periods of time may affect reliability.
Vcc, EAO........................................-0.3 V to 16 V / 20 mA
OVP ...............................................-0.3 V to 16 V / 10 mA
VID5:0, ENABLE, SS, ISN, ISP, RG, IAVP, EAIP,
EAIN, REFOUT, OFFSET ...................-0.3 V to 16 V / 1 mA
PWRGD, ......................................-0.3 V to 5.5 V / 10 mA
REFIN, VO, .....................................-0.3 V to 5.5 V / 1 mA
SGND.......................................................................20 mA
Storage Temperature .............................-65 °C to 150 °C
ESD Sensitivity Class Rating.........................................1 C
Soldering Temp. IR or Convection (20 sec) 3 pg 15....250 °C
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
SUPPLY SYSTEM
Operating current
5
7
mA
Enable > 0.8 V, VCC=9 V
Shutdown current
160
400
µA
Enable < 0.3 V
Input supply range (Vcc)
4.5
13.2
V
UV start threshold (Vcc)
4.1
4.3
4.5
V
UV stop threshold (Vcc)
4.0
4.2
4.4
V
UV hysteresis
30
130
200
mV
VID REFERENCE
System set point accuracy
0°C ≤ TA ≤ 70°C, VCC=8.5 V
For all VID codes, measured
(See Table 1 for nominal voltage.)
-0.8
+0.8
%
at EAO in unity gain
Line regulation
-0.05
0.05
% / V
0°C ≤ TA ≤ 70°C
REFOUT drive capability
1
mA
Input logic low
0.4
V
Input logic high
0.8
V
VID input bias current
0.1
µA
ERROR AMPLIFIER
Open loop gain
80
110
dB
EAIP = 1.25 V
Unity gain bandwidth
20
MHz
Output slew rate
14
V/µsec
30 pF load
Error amp source current
4
9
mA
Error amp sink current
250
500
µA
Input bias current
0.6
2
µA
Input offset current
60
nA
Input offset voltage
-3
3
mV
Unity Gain. EAIP = 1.25 V
Common mode input range
-0.05
Vcc - 2
V
Output voltage range
0.5
Vcc -1.6
V
CMRR
80
dB
PSRR
80
dB
24-Lead
(4mm x 4mm)
QFN
* Pin 8 has a different function for each PI1004 version:
PI1004-1 pin 8 is OFFSET
PI1004-2 pin 8 is OVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com