Electronic Components Datasheet Search
  English  ▼

X  

HM5011CS Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5011CS
Description  High-performance, low-cost offline PWM control power switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5011CS Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5011CS Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5011CS Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
输出功率表
产品型号
产品封装
内阻
输出电压
输出电流
HM5011D
SOP8
9Ω
>2V
200mA<Io<400mA
HM5011B
DIP8
3Ω
200mA<Io<700mA
HM5011CS
SOP8
3.7Ω
HM5011C
DIP8
HM5011A
DIP8
2Ω
650mA<Io<900mA
备注:
1. 默认降压型输出。
2. 实际输出功率取决于输出电压和散热条件。
管脚功能描述
SOP8
DIP8
名称
I/O
描述
1
2
CS
O
峰值电流检测管脚
2
3
VDD
P
芯片供电管脚,同时作为输出电压反馈端(FB
悬空时)。典型应用中VDD电容推荐采用1µF陶瓷
电容
3
1
GND
P
芯片的参考地
4
4
FB
I
反馈输入管脚,该引脚悬空时默认12V输出
5/6/7/8
6/7/8
Drain
P
内部高压MOSFET的漏极
/
5
NC
-
非功能管脚,应用中悬空



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com