Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Robust-EMC Bidirectional I2C Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 3Page - Texas Instruments ISO1640 Datasheet HTML 4Page - Texas Instruments ISO1640 Datasheet HTML 5Page - Texas Instruments ISO1640 Datasheet HTML 6Page - Texas Instruments ISO1640 Datasheet HTML 7Page - Texas Instruments ISO1640 Datasheet HTML 8Page - Texas Instruments ISO1640 Datasheet HTML 9Page - Texas Instruments ISO1640 Datasheet HTML 10Page - Texas Instruments ISO1640 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.7 Safety-Related Certifications
VDE
CSA
UL
CQC
TUV
Certified according to
DIN VDE V
0884-11:2017-01
Certified according to
IEC 60950-1, IEC
62368-1 and IEC
60601-1
Recognized under UL
1577 Component
Recognition Program
Certified according to
GB4943.1-2011
Certified according to EN
61010-1:2010/A1:2019, EN
60950- 1:2006/A2:2013 and EN
62368-1:2014
Maximum transient
isolation voltage, 4242
VPK (D-8); Maximum
repetitive peak isolation
voltage 637 VPK (D-8);
Maximum surge
isolation 5000 VPK (D-8)
D-8: 400 VRMS basic
insulation per CSA
60950-1-07+A1+A2,
IEC 60950-1 2nd
Ed.+A1+A2, CSA
62368-1- 14 and IEC
62368-1:2014, (pollution
degree 2, material
group 2)
D-8: Single protection,
3000 VRMS
D-8: Basic Insulation,
Altitude ≤ 5000 m, Tropical
Climate, 250 VRMS
maximum working voltage
3000 VRMS (D-8) Reinforced
insulation per EN 61010-
1:2010/A1:2019 up to working
voltage 300 VRMS (D-8)
3000 VRMS (D-8) Reinforced
insulation per EN 60950-
1:2006/A2:2013 and EN
62368-1:2014 up to working
voltage of 400 VRMS (D-8)
Certification planned
Certification planned
Certification planned
Certification planned
Certification planned
6.8 Safety Limiting Values
Safety limiting intends to minimize potential damage to the isolation barrier upon failure of input or output
circuitry.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D-8 PACKAGE
IS
Safety input, output, or
supply current(1)
RθJA = 106.3 °C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C,
see TBD
214
mA
RθJA = 106.3 °C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C,
see TBD
327
PS
Safety input, output, or total
power(1)
RθJA = 106.3 °C/W, TJ = 150°C, TA = 25°C
1176
mW
TS
Safety temperature(1)
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the table is that of a device installed on a high-K test board for leaded surface-mount
packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VI, where VI is the maximum input voltage.
www.ti.com
ISO1640
SLLSFC2 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO1640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com