Electronic Components Datasheet Search
  English  ▼

X  

ISO1640 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1640
Description  ISO164x Robust-EMC Bidirectional I2C Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1640 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO1640 Datasheet HTML 12Page - Texas Instruments ISO1640 Datasheet HTML 13Page - Texas Instruments ISO1640 Datasheet HTML 14Page - Texas Instruments ISO1640 Datasheet HTML 15Page - Texas Instruments ISO1640 Datasheet HTML 16Page - Texas Instruments ISO1640 Datasheet HTML 17Page - Texas Instruments ISO1640 Datasheet HTML 18Page - Texas Instruments ISO1640 Datasheet HTML 19Page - Texas Instruments ISO1640 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
When SDA2 is released, its voltage potential increases towards VCC2 following the time-constant formed by
RPU2 and Cbus. After the receive delay, SDA1 is released and also rises towards VCC1, following the time-
constant RPU1 × Cnode. Because of the significant lower time-constant, SDA1 may reach VCC1 before SDA2
reaches VCC2 potential.
8.4.2 Transmit Direction (Right Diagram of Figure 8-3 )
When a master drives SDA1 low, SDA2 follows after a certain delay in the transmit direction. When SDA2 turns
low it also causes the output of buffer B to turn low but at a higher 0.65 V level. This level cannot be observed
immediately as it is overwritten by the lower low-level of the master.
However, when the master releases SDA1, the voltage potential increases and first must pass the upper input
threshold of the comparator, VIHT1, to release SDA2. SDA1 then increases further until it reaches the buffered
output level of VOL1 = 0.65 V, maintained by the receive path. When comparator C turns high, SDA2 is released
after the delay in transmit direction. It takes another receive delay until B’s output turns high and fully releases
SDA1 to move toward VCC1 potential.
8.5 Device Functional Modes
Table 8-2 lists the ISO164x functional modes.
Table 8-2. Function Table (1)
POWER STATE
INPUT
OUTPUT
VCC1 < 2.3 V or VCC2 < 1.7 V
X
Z
VCC1 > 2.9 V and VCC2 > 2.25
V
L
L
VCC1 > 2.9 V and VCC2 > 2.25
V
H
Z
VCC1 > 2.9 V and VCC2 > 2.25
V
Z(2)
Undetermined
(1)
H = High Level; L = Low Level; Z = High Impedance or Float; X = Irrelevant
(2)
Invalid input condition as an I2C system requires that a pullup resistor to VCC is connected.
ISO1640
SLLSFC2 – OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ISO1640



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com