Electronic Components Datasheet Search
  English  ▼

X  

ADAR2001 Datasheet(PDF) 14 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 10Page - Analog Devices ADAR2001 Datasheet HTML 11Page - Analog Devices ADAR2001 Datasheet HTML 12Page - Analog Devices ADAR2001 Datasheet HTML 13Page - Analog Devices ADAR2001 Datasheet HTML 14Page - Analog Devices ADAR2001 Datasheet HTML 15Page - Analog Devices ADAR2001 Datasheet HTML 16Page - Analog Devices ADAR2001 Datasheet HTML 17Page - Analog Devices ADAR2001 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 14 of 39
Table 7. Multiplier/Filter Settings for Optimal Harmonic Rejection
Input
Frequency
(GHz)
Output
Frequency
(GHz)
Multiplier Band
BPF
ATTN_x1
Low-Pass/
Notch Filter
MULT_EN_x
Register Value2
MULT_PASS_x
Register Value3
2.50 to 3.00
10 to 12
Low band active (mid and
high bands ready)
Low
0x13
On
0x7A
0xD3
3.00 to 3.50
12 to 14
Low band active (mid and
high bands ready)
High
0x07
On
0x7A
0x47
3.50 to 4.00
14 to 16
Low band active (mid and
high bands ready)
High
0x13
On
0x7A
0x53
4.00 to 5.00
16 to 20
Mid band active (low and
high bands ready)
Low
0x1F
Off
0x6E
0x9F
5.00 to 6.25
20 to 25
Mid band active (low and
high bands ready)
High
0x1F
Off
0x6E
0x1F
6.25 to 8.00
25 to 32
High band active (low and
mid bands ready)
Low
0x1F
Off
0x6B
0x9F
8.00 to 10.00
32 to 40
High band active (low and
mid bands ready)
High
0x1F
Off
0x6B
0x1F
1 ATTN_x refers to the ATTN_MDx and ATTN_SPI bit fields.
2 MULT_EN_x refers to the MULT_EN_MODE_x and MULT_EN_SPI registers.
3 MULT_PASS_x refers to the MULT_PASS_MODE_x and MULT_PASS_SPI registers.
1:4 SIGNAL SPLITTER NETWORK
The output of the multiplier/filter block is then applied to a
1:4 active power splitting network that is composed of two
stages. The first stage is a 1:2 active splitter, which then feeds
the second stage, two 1:2 active splitters. Each output path from
the second stage drives a single PA, which results in a single
input signal being split into four independently controlled
output channels. The bias levels of each splitter stage are
adjustable through the SPI via Register 0x014. See the Bias
Points section for more information.
OUTPUT POWER AMPLIFIERS
There are four PAs, each with an ac-coupled, differential output
operating from 10 GHz to 40 GHz. The differential output is
intended to facilitate direct connection to an antenna with
differential inputs. In applications where a single-ended output
is required, the unused output can be terminated to ground
using a 50 Ω resistor. Terminating the unused output results in
3 dB lower output power (that is, a single-ended output power
of 2 dBm, nominal) along with some degradation in harmonic
rejection. The bias level of the PAs is adjustable through the
SPI. One setting, PA_BIAS in Register 0x015, controls all four
PA bias points. See the Bias Points section for more information.
In normal operation, only one of the four PAs is active at a
time, but the programmability allows all four (or any
combination thereof) to be turned on simultaneously.
Like the 4× multipliers, each PA has three modes of operation:
sleep, ready, and active. Ready mode is a hybrid state between
sleep and active, which does not pass a signal, but allows fast turn
on. Current consumption in ready mode is higher than sleep
mode but lower than active mode. The switching time between
ready mode and active mode is significantly faster than from
sleep mode to active mode.
For the fastest switching times, use of the ready mode is critical.
For example, while Power Amplifier 1 (PA1) is transmitting,
Power Amplifier 2 (PA2) can be set to ready mode. The
transmitter state machine can then be used to put PA1 to sleep
and switch PA2 from ready to active.
POWER DETECTORS AND TEMPERATURE SENSOR
Each transmit channel on the ADAR2001 has a dedicated
power detector with an enable bit in Register 0x049. All the
detectors feed into a 5:1 multiplexer along with the local
temperature sensor. This multiplexer allows the 8-bit on-chip
ADC the flexibility to measure the current output power level
of any channel, or the temperature of the chip itself. To
calculate the approximate temperature in Celsius from the
ADC output code, use the following equation:
TA = (1.31 × ADC_OUTPUT) – 118
where ADC_OUTPUT is the ADC output word in Register 0x04B.
ADC INPUT MULTIPLEXER
The multiplexer position can be programmed using the
MUX_SEL bits (Register 0x04A, Bits[3:1]). The multiplexer has
five valid states, from 0 to 4. Figure 27 shows the multiplexer
mapping.
TO ADC
TEMPERATURE SENSOR
CHANNEL 1 DETECTOR
CHANNEL 2 DETECTOR
CHANNEL 3 DETECTOR
CHANNEL 4 DETECTOR
0
1
2
3
4
OUT
Figure 27. ADC Input Multiplexer Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com