Electronic Components Datasheet Search
  English  ▼

X  

ADAR2001 Datasheet(PDF) 16 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 12Page - Analog Devices ADAR2001 Datasheet HTML 13Page - Analog Devices ADAR2001 Datasheet HTML 14Page - Analog Devices ADAR2001 Datasheet HTML 15Page - Analog Devices ADAR2001 Datasheet HTML 16Page - Analog Devices ADAR2001 Datasheet HTML 17Page - Analog Devices ADAR2001 Datasheet HTML 18Page - Analog Devices ADAR2001 Datasheet HTML 19Page - Analog Devices ADAR2001 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 16 of 39
APPLICATIONS INFORMATION
SPI CONTROL
The ADAR2001 is designed to operate as part of a larger array.
The built in state machines help to ease the control of multiple
chips in parallel and to ensure that the fastest switching speeds
are achieved. However, it is possible to operate every aspect of
the ADAR2001 using the SPI port alone. When the state machines
are disabled by setting MULT_SEQ_EN (Register 0x018, Bit 7)
and TX_SEQ_EN (Register 0x016, Bit 7) low, the multiplier/filter
and transmitter blocks respond to the SPI controlled registers
(Register 0x045 to Register 0x048), rather than stepping
through the programmed states.
Register 0x047 and Register 0x048 set up the multiplier/filter
block when controlling the block with the SPI and have all the
same controls as a typical multiplier/filter mode when
controlling the block with the multiplier/filter sequencer.
Register 0x045 and Register 0x046 set up the transmitter block
when controlling the block with the SPI and have all the same
controls as a typical transmitter mode when controlling the
block with the transmitter sequencer.
Operating the ADAR2001 in this manner can be thought of as a
manual, rather than an automatic, approach. With the sequencers
disabled, any changes to the configuration of the chip must occur
through a SPI write.
STATE MACHINE MODES vs. STATES
Both the multiplier/filter state machine and the transmitter
state machine have 16 modes available to set the configuration
of their respective subcircuitry. The multiplier/filter state
machine has 16 states available to cycle through, whereas the
transmitter state machine has 70 available states.
Within each mode of the multiplier/filter state machine, the
user can define the following:
•
The enabled status of the RF input buffer (on or off, one bit)
•
Sleep, ready, or active state of each 4× multiplier band
(two bits for each band, six bits in total). The two bits
control the ready and active status, and if neither is high,
the multiplier band is set to sleep. Both bits must be high
to be fully active.
•
Digital step attenuator value (five bits)
•
BPF corner frequency (low or high, one bit controls the
filters in all bands)
•
Low-pass/notch filter status (on or off, one bit controls all
low-pass/notch filters)
Within each mode of the transmitter state machine, the user
can define the following:
•
Sleep, ready, or active state of each PA (two bits for each
band, eight bits in total). The two bits control the ready
and active status, and if neither is high, the PA is set to
sleep. Both bits must be high to be fully active.
•
The enabled status of the first 1:2 signal splitter feeding the
second stage of splitters (on or off, one bit)
•
The enabled status of the 1:2 signal splitter feeding PA
Channel 1 and Channel 2 (on or off, one bit)
•
The enabled status of the 1:2 signal splitter feeding PA
Channel 3 and Channel 4 (on or off, one bit)
Each multiplier/filter state is used to select a previously
configured operating mode. Each state bit field contains
four bits, allowing selection of any mode between 0 and 15
(Register 0x070 to Register 0x08F). There are 16 multiplier/filter
states available (Register 0x03C to Register 0x043). When the
multiplier/filter state machine is enabled and the sequencer
depth set in Register 0x018, Bits[3:0], the state machine cycles
through the states in order, up to the defined state machine depth.
Similarly, each transmitter state is used to select a previously
configured operating mode. Each state bit field has four bits,
allowing selection of any mode between 0 and 15 (Register 0x050
to Register 0x06F). There are 70 transmit control states available
(Register 0x019 to Register 0x03B). When the transmitter state
machine is enabled, and the sequencer depth set in Register 0x017,
the state machine cycles through the states in order, up to the
defined state machine depth.
Figure 28 shows how the state machine pointer moves through
a loop. In this diagram, n is the total number of states inside the
loop. Because the sequencer depth bit field is 0 indexed, n is
equal to one more than the value of the bits in the sequencer depth.
n = MULT_STATES + 1
where:
n = 1 to 16.
MULT_STATES is the multiplier sequencer depth.
n = TX_STATES + 1
where:
n = 1 to 16.
TX_STATES is the transmitter sequence depth.
RESET
0
ADVANCE
1
n
2
3
ADVANCE
ADVANCE
ADVANCE
ADVANCE
Figure 28. State Machine Position Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com