Electronic Components Datasheet Search
  English  ▼

X  

ADAR2001 Datasheet(PDF) 26 Page - Analog Devices

Part # ADAR2001
Description  10 GHz to 40 GHz, 1:4 Channel, 4횞 Frequency Multiplier/Filter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2001 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAR2001 Datasheet HTML 22Page - Analog Devices ADAR2001 Datasheet HTML 23Page - Analog Devices ADAR2001 Datasheet HTML 24Page - Analog Devices ADAR2001 Datasheet HTML 25Page - Analog Devices ADAR2001 Datasheet HTML 26Page - Analog Devices ADAR2001 Datasheet HTML 27Page - Analog Devices ADAR2001 Datasheet HTML 28Page - Analog Devices ADAR2001 Datasheet HTML 29Page - Analog Devices ADAR2001 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
ADAR2001
Data Sheet
Rev. 0 | Page 26 of 39
REGISTER SUMMARY
Table 10. ADAR2001 Register Summary
Addr Name
Bits Bit Name
Description
Reset Access
0x000 INTERFACE_CONFIG_A
7
SOFTRESET
Soft Reset
0x0
R/W
6
LSB_FIRST
LSB First
0x0
R/W
5
ADDR_ASCN
Address Ascension
0x0
R/W
4
SDOACTIVE
SDO Active
0x1
R/W
3
SDOACTIVE_
SDO Active
0x1
R/W
2
ADDR_ASCN_
Address Ascension
0x0
R/W
1
LSB_FIRST_
LSB First
0x0
R/W
0
SOFTRESET_
Soft Reset
0x0
R/W
0x001 INTERFACE_CONFIG_B
7
SINGLE_INSTRUCTION
Single Instruction
0x0
R/W
6
CS_STALL
CS Stall
0x0
R/W
5
MASTER_SLAVE_RB
Master Slave Readback
0x0
R/W
4
SLOW_INTERFACE_CTRL
Slow Interface Control
0x0
R/W
3
RESERVED
Reserved.
0x0
R
[2:1] SOFT_RESET
Soft Reset
0x0
R/W
0
RESERVED
Reserved
0x0
R
0x002 DEV_CONFIG
[7:4] DEV_STATUS
Device Status
0x1
R/W
[3:2] CUST_OPERATING_MODE
Custom Operating Modes
0x0
R/W
[1:0] NORM_OPERATING_MODE Normal Operating Modes
0x0
R/W
0x003 CHIP_TYPE
[7:0] CHIP_TYPE
Chip Type
0x0
R
0x004 PRODUCT_ID_H
[7:0] PRODUCT_ID[15:8]
Product ID High
0x0
R
0x005 PRODUCT_ID_L
[7:0] PRODUCT_ID[7:0]
Product ID Low
0x0
R
0x00A SCRATCH_PAD
[7:0] SCRATCHPAD
Scratch Pad
0x0
R/W
0x00B SPI_REV
[7:0] SPI_REV
SPI Revision
0x0
R
0x00C VENDOR_ID_H
[7:0] VENDOR_ID[15:8]
Vendor ID High
0x0
R
0x00D VENDOR_ID_L
[7:0] VENDOR_ID[7:0]
Vendor ID Low
0x0
R
0x00F TRANSFER_REG
[7:1] RESERVED
Reserved
0x0
R
0
MASTER_SLAVE_XFER
Master Slave Transfer
0x0
R/W
0x010 PWRON
[7:1] RESERVED
Reserved
0x0
R
0
PWRON
Chip Power-Up
0x1
R/W
0x011 BIAS_CURRENT_MULT1
[7:4] MULT_MID_BIAS
Multiplier Mid Band 4× Bias Current Setting
0xB
R/W
[3:0] MULT_LOW_BIAS
Multiplier Low Band 4× Bias Current Setting
0xB
R/W
0x012 BIAS_CURRENT_MULT2
[7:4] RESERVED
Reserved
0x0
R/W
[3:0] MULT_HIGH_BIAS
Multiplier High Band 4× Bias Current Setting
0xB
R/W
0x013 BIAS_CURRENT_RFAMP
[7:4] RF_AMP2_BIAS
RF Amp Output Stage Bias Current Setting
0x7
R/W
[3:0] RF_AMP1_BIAS
RF Amp Input Stage Bias Current Setting
0x5
R/W
0x014 BIAS_CURRENT_SPLT
[7:4] SPLT2_BIAS
Second Active Splitter Stages Bias Current Setting
0xB
R/W
[3:0] SPLT1_BIAS
First Active Splitter Stage Bias Current Setting
0x5
R/W
0x015 BIAS_CURRENT_PA
[7:4] RESERVED
Reserved
0x0
R
[3:0] PA_BIAS
PA Bias Current Setting
0xC
R/W
0x016 TX_SEQUENCER_SETUP
7
TX_SEQ_EN
Enables Transmit Sequencer
0x0
R/W
6
TX_SLP_CTRL
Sets Transmit Sleep Mode Control
0x0
R/W
5
TX_SLP_HOLD
Holds the Transmit Sequencer State When
Multiplier Is in Sleep Mode
0x0
R/W
4
TX_CTL_LATCH_BYP
Bypasses the Control Latch for Transmit Controls
0x1
R/W
[3:0] RESERVED
Reserved
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com