Electronic Components Datasheet Search
  English  ▼

X  

ADAR2004ACCZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADAR2004ACCZ
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ Datasheet(HTML) 3 Page - Analog Devices

  ADAR2004ACCZ Datasheet HTML 1Page - Analog Devices ADAR2004ACCZ Datasheet HTML 2Page - Analog Devices ADAR2004ACCZ Datasheet HTML 3Page - Analog Devices ADAR2004ACCZ Datasheet HTML 4Page - Analog Devices ADAR2004ACCZ Datasheet HTML 5Page - Analog Devices ADAR2004ACCZ Datasheet HTML 6Page - Analog Devices ADAR2004ACCZ Datasheet HTML 7Page - Analog Devices ADAR2004ACCZ Datasheet HTML 8Page - Analog Devices ADAR2004ACCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Data Sheet
ADAR2004
Rev. 0 | Page 3 of 37
SPECIFICATIONS
VPOS1, VPOS2, VPOS4 = 2.5 V, VPOS3 = VREG, and TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL PERFORMANCE
Input Power for 1 dB Compression (P1dB)
Minimum gain
−20
dBm
Maximum gain
−36
dBm
Input Third-Order Intercept (IP3)
Minimum gain, −50 dBm per tone
−11
dBm
Maximum gain, −50 dBm per tone
−25
dBm
Noise Figure
Minimum gain
11
dB
Maximum gain
9
dB
Gain
Minimum gain
21
dB
Maximum gain
41
dB
Gain Step
2.9
dB
Gain Flatness vs. RF Input Frequency
2
dB
Gain Change vs. Temperature
−0.05
dB/°C
RF INPUT
Frequency Range
10
40
GHz
Differential Input Impedance
100
Ω
Return Loss
10 GHz to 40 GHz
−11
dB
IF OUTPUT
Frequency Range
0
800
MHz
Bandwidth
3 dB bandwidth, maximum gain
800
MHz
Differential Output Impedance
100
Ω
Peak-to-Peak Output Voltage Swing
At P1dB point, minimum gain
1.125
V
At P1dB point, maximum gain
0.632
V
Return Loss
−20
dB
Amplitude Settling time
<1 dB
5
ns
Output Common-Mode Voltage (VOCM)
Minimum
0.65
V
Maximum
1.2
V
LO INPUT
Frequency Range
2.4
10.1
GHz
Power Range
−25
−20
−10
dBm
Impedance
50
Ω
Return Loss
−12
dB
STATE MACHINES AND TIMING
Minimum Pulse Width
MADV, MRST
3
ns
RxADV, RxRST
3
ns
Minimum Pulse Separation
Pulse start to pulse start
MADV, MRST
10
ns
RxADV, RxRST
10
ns
Switching Frequency
Using ready mode
100
MHz
Switching Time
Multiplier Band Sleep to Active
50
ns
Multiplier Band Switch
Using ready mode
10
ns
Receiver Sleep to Active
50
ns
DIGITAL INPUT LOGIC LEVELS
Logic Low
0
0.3
V
Logic High
1
1.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com