Electronic Components Datasheet Search
  English  ▼

X  

ADAR2004ACCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADAR2004ACCZ
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADAR2004ACCZ Datasheet HTML 4Page - Analog Devices ADAR2004ACCZ Datasheet HTML 5Page - Analog Devices ADAR2004ACCZ Datasheet HTML 6Page - Analog Devices ADAR2004ACCZ Datasheet HTML 7Page - Analog Devices ADAR2004ACCZ Datasheet HTML 8Page - Analog Devices ADAR2004ACCZ Datasheet HTML 9Page - Analog Devices ADAR2004ACCZ Datasheet HTML 10Page - Analog Devices ADAR2004ACCZ Datasheet HTML 11Page - Analog Devices ADAR2004ACCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 8 of 37
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VPOS1
1
GND1
2
RFIN2–
3
RFIN2+
4
GND2
5
GND3
6
GND4
7
GND5
8
GND6
9
RFIN3+
10
RFIN3–
11
GND7
12
GND13
LOIN
GND12
VREG
VPOS3
MADV
MRST
RxADV
RxRST
SCLK
SDIO
CS
13 14
15
16
17
18
19
20
21
22
23
24
25
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE CONNECTED
TO A GROUND PLANE WITH LOW THERMAL AND
ELECTRICAL IMPEDANCE.
ADAR2004
TOP VIEW
(Not to Scale)
Figure 6. Pin Configuration (Top View, Not to Scale)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 13, 38
VPOS1, VPOS2, VPOS4
2.5 V Power Supply for the Analog Section. Connect decoupling capacitors (one 10 nF and one
100 pF on each pin and a 1 µF for the rail) to the ground plane as close as possible to the VPOS1,
VPOS2, and VPOS4 pins.
2, 5 to 9, 12, 14,
17, 18, 23, 34,
36, 37, 39, 44,
45, 48
GND1 to GND18
Ground. Connect all ground pins to a ground plane with low thermal and electrical impedance.
3, 4, 10, 11, 15,
16, 46, 47
RFIN2−, RFIN2+,
RFIN3+, RFIN3−,
RFIN4+, RFIN4−,
RFIN1−, RFIN1+
Differential RF Inputs. RFINx± are 100 Ω differential pairs, ac-coupled internally. The RFINx± pins
operate from 10 GHz to 40 GHz. All eight lines must have equal electrical and mechanical lengths
to ensure consistent performance from channel to channel.
19 to 22, 40 to 43
IFOUT4+, IFOUT4−,
IFOUT3+, IFOUT3−,
IFOUT2−, IFOUT2+,
IFOUT1−, IFOUT1+
Differential IF Outputs. IFOUTx± are 100 Ω differential pairs, dc-coupled internally. The IFOUTx±
pins operate from low frequency to 800 MHz. VOCM = 0.8 V. All eight lines must have equal
electrical and mechanical lengths.
24
SDO
Serial Data Output. Register states can be read back on the SDO line if Register 0x000, Bits[4:3] are
set high.
25
CS
Chip Select Bar. Pull the CS pin low to activate the SPI port. CS is used to activate the SPI port on
the ADAR2004 and is active low. When CS goes high, the data stored in the shift registers is latched.
Connect a 200 kΩ pull-up resistor to 1.8 V to ensure that the SPI is shut off while not in use.
26
SDIO
Serial Data Input and Output. The SDIO pin is a high impedance data input for clocking in information.
The SDIO pin can also be used to read out data if Register 0x000, Bits[4:3] are set low (default).
27
SCLK
Serial Clock. The SCLK pin is used to clock data into and out of the SPI.
28
RxRST
Receive State Machine Reset. If the state machine is enabled, RxRST immediately sets the receiver
state machine back to the configuration in RX_EN_MODE_0, RX_GAIN12_MODE_0, and
RX_GAIN34_MODE_0 (Register 0x040, Register 0x041, and Register 0x042).
29
RxADV
Receive State Machine Advance. If the state machine is enabled, RxADV advances the receiver
state machine to the next state in its cycle. If currently at the end of the cycle, pulsing RxADV
returns the pointer to the mode defined in RX_STATE_1 (Register 0x01A, Bits[7:4]).
30
MRST
Multiplier State Machine Reset. If the state machine is enabled, MRST immediately sets the
multiplier/filter state machine back to the configuration in MULT_EN_MODE_0 (Register 0x070).
31
MADV
Multiplier State Machine Advance. If the state machine is enabled, MADV advances the
multiplier/filter state machine to the next state in its cycle. If currently at the end of the cycle,
pulsing MADV returns the pointer to the mode defined in MULT_STATE_1 (Register 0x022, Bits[7:4]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com