Electronic Components Datasheet Search
  English  ▼

X  

ADAR2004ACCZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADAR2004ACCZ
Description  10 GHz to 40 GHz, 4-Channel Rx Mixer with 4횞 LO Multiplier/Filter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAR2004ACCZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADAR2004ACCZ Datasheet HTML 10Page - Analog Devices ADAR2004ACCZ Datasheet HTML 11Page - Analog Devices ADAR2004ACCZ Datasheet HTML 12Page - Analog Devices ADAR2004ACCZ Datasheet HTML 13Page - Analog Devices ADAR2004ACCZ Datasheet HTML 14Page - Analog Devices ADAR2004ACCZ Datasheet HTML 15Page - Analog Devices ADAR2004ACCZ Datasheet HTML 16Page - Analog Devices ADAR2004ACCZ Datasheet HTML 17Page - Analog Devices ADAR2004ACCZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
ADAR2004
Data Sheet
Rev. 0 | Page 14 of 37
10
40
35
30
25
20
15
RF INPUT FREQUENCY (GHz)
16
0
2
10
14
6
4
8
12
+85°C
+25°C
–40°C
Figure 31. Noise Figure vs. RF Input Frequency and Temperature
10
40
35
30
25
20
15
RF INPUT FREQUENCY (GHz)
16
0
2
10
14
6
4
8
12
GAIN = 0x0
GAIN = 0x1
GAIN = 0x2
GAIN = 0x3
GAIN = 0x4
GAIN = 0x5
GAIN = 0x6
GAIN = 0x7
Figure 32. Noise Figure vs. RF Input Frequency and Gain Setting
10
40
35
30
25
20
15
0
2
4
6
8
10
12
14
16
RF INPUT FREQUENCY (GHz)
–10dBm
–15dBm
–20dBm
–25dBm
Figure 33. Noise Figure vs. RF Input Frequency and LO Input Power
(Gain = 0x0)
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
–20
–10
0
10
20
30
40
50
60
70
80
TIME (ns)
CHANNEL 1
MADV
Figure 34. Multiplier Sleep to Active Switching Time
–0.2
0
0.2
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
0.75
–4
–2
0
2
4
6
8
10
12
TIME (ns)
CHANNEL 1
MADV
Figure 35. Frequency Band Switching Time
–0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
–20
–10
0
10
20
30
40
50
60
70
80
TIME (ns)
CHANNEL 1
RxADV
Figure 36. Receiver Sleep to Active Switching Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com