Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 10 Page - Analog Devices

Part # ADG5401F
Description  Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 6Page - Analog Devices ADG5401F Datasheet HTML 7Page - Analog Devices ADG5401F Datasheet HTML 8Page - Analog Devices ADG5401F Datasheet HTML 9Page - Analog Devices ADG5401F Datasheet HTML 10Page - Analog Devices ADG5401F Datasheet HTML 11Page - Analog Devices ADG5401F Datasheet HTML 12Page - Analog Devices ADG5401F Datasheet HTML 13Page - Analog Devices ADG5401F Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADG5401F
Data Sheet
Rev. 0 | Page 10 of 32
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ID
With Overvoltage
±0.1
nA typ
VDD = 13.2 V, VSS = 0 V, GND = 0 V,
VS = ±60 V
±0.3
±5
±55
nA max
Power Supplies Grounded
±0.1
nA typ
VDD = 0 V, VSS = 0 V, GND = 0 V,
VS = ±60 V, IN = 0 V
±0.3
±5
±55
nA max
Power Supplies Floating
±2
µA typ
VDD = floating, VSS = floating,
GND = 0 V, VS = ±60 V, IN = 0 V
DIGITAL INPUTS/OUTPUTS
VINH
1.3
V min
VINL
0.8
V max
IINL or IINH
2.5
µA typ
VIN = 0 V or 5 V
5
µA max
CIN
5
pF typ
VOL
0.4
V max
IFF = 2 mA
DYNAMIC CHARACTERISTICS
tON
6.5
µs typ
RL = 300 Ω, CL = 35 pF, VS = 8 V
7.6
7.6
7.6
µs max
tOFF
285
ns typ
RL = 300 Ω, CL = 35 pF, VS = 8 V
340
350
350
ns max
tRESPONSE
Positive
320
ns typ
RL = 1 kΩ, CL = 5 pF
320
330
330
ns max
Negative
1.3
µs typ
RPULLUP = 1 kΩ, CL = 5 pF
1.5
1.7
1.8
µs max
tRECOVERY
6.1
µs typ
RL = 1 kΩ, CL = 5 pF
7.1
7.7
8
µs max
tDIGRESP
80
ns typ
RPULLUP = 1 kΩ, CL = 12 pF, VPULL_UP = 5 V
90
95
100
ns max
tDIGREC
1.3
µs typ
RPULLUP = 1 kΩ, CL = 12 pF, VPULL_UP = 5 V
1.7
1.9
1.9
µs max
QINJ
−120
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF
Off Isolation
−55
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz
THD + N
0.0017
% typ
RL = 10 kΩ, VS = 6 V p-p,
f = 20 Hz to 20 kHz
−3 dB Bandwidth
390
MHz typ
RL = 50 Ω, CL = 5 pF
Insertion Loss
−0.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1MHz
CS (Off)
12
pF typ
VS = 6 V, f = 1 MHz
CD (Off)
14
pF typ
VS = 6 V, f = 1 MHz
CD (On), CS (On)
20
pF typ
VS = 6 V, f = 1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com