Electronic Components Datasheet Search
  English  ▼

X  

ADG5401F Datasheet(PDF) 19 Page - Analog Devices

Part # ADG5401F
Description  Fault Protection, 6 廓 RON, SPST Switch with 0.6 k廓 Feedback Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5401F Datasheet(HTML) 19 Page - Analog Devices

Back Button ADG5401F Datasheet HTML 15Page - Analog Devices ADG5401F Datasheet HTML 16Page - Analog Devices ADG5401F Datasheet HTML 17Page - Analog Devices ADG5401F Datasheet HTML 18Page - Analog Devices ADG5401F Datasheet HTML 19Page - Analog Devices ADG5401F Datasheet HTML 20Page - Analog Devices ADG5401F Datasheet HTML 21Page - Analog Devices ADG5401F Datasheet HTML 22Page - Analog Devices ADG5401F Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Data Sheet
ADG5401F
Rev. 0 | Page 19 of 32
14
0
2
4
6
8
10
12
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = +20V
VSS = –20V
VS = –60V
VSFB = –60V
VS = +60V
VSFB = +60V
Figure 15. D Leakage Current vs. Temperature During Overvoltage,
±20 V Dual Supply
12
10
–4
–2
0
2
4
6
8
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = 12V
VSS = 0V
VS = –60V
VSFB = –60V
VS = +60V
VSFB = +60V
Figure 16. D Leakage Current vs. Temperature During Overvoltage,
12 V Single Supply
8
–4
–2
0
2
4
6
0
125
115
105
95
85
75
65
55
35
45
5
25
15
TEMPERATURE (°C)
VDD = 36V
VSS = 0V
VS = –60V
VSFB = –60V
VS = +60V
VSFB = +60V
Figure 17. D Leakage Current vs. Temperature During Overvoltage,
36 V Single Supply
0
–160
–120
–140
–100
–80
–60
–40
–20
100
1k
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
Figure 18. Off Isolation vs. Frequency, ±15 V Dual Supply
0
–400
–350
–300
–250
–200
–150
–100
–50
–40
40
30
20
10
0
–30
–20
–10
TA = 25°C
VDD = +15V,
VSS = –15V
VDD = +20V,
VSS = –20V
VDD = 36V,
VSS = 0V
VDD = 12V,
VSS = 0V
VS (V)
Figure 19. QINJ vs. VS
0
–160
–120
–140
–100
–80
–60
–40
–20
100
1k
10k
1G
100M
10M
1M
100k
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
TA = 25°C
0.1µF DECOUPLING CAPACITORS
Figure 20. AC Power Supply Rejection Ratio (PSRR) vs. Frequency,
±15 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com