Electronic Components Datasheet Search
  English  ▼

X  

TMUX1575 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1575
Description  TMUX1575 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch in WCSP with 1.2 V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1575 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1575 Datasheet HTML 9Page - Texas Instruments TMUX1575 Datasheet HTML 10Page - Texas Instruments TMUX1575 Datasheet HTML 11Page - Texas Instruments TMUX1575 Datasheet HTML 12Page - Texas Instruments TMUX1575 Datasheet HTML 13Page - Texas Instruments TMUX1575 Datasheet HTML 14Page - Texas Instruments TMUX1575 Datasheet HTML 15Page - Texas Instruments TMUX1575 Datasheet HTML 16Page - Texas Instruments TMUX1575 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
7.7 Break-Before-Make Delay
Break-before-make delay is a safety feature that prevents two inputs from connecting when the device is
switching. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 7-7 shows
the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
VDD
0 V
tBBM 1
90%
Output
0 V
tOPEN (BBM) = min ( tBBM 1, tBBM 2)
tBBM 2
VSEL
tr < 5ns
tf < 5ns
GND
VDD
VDD
0.1 F
VS
OUTPUT
RL
CL
S1A
D1
S1B
VS
OUTPUT
RL
CL
S4A
D4
S4B
VSEL
SEL
Figure 7-7. Break-Before-Make Delay Measurement Setup
www.ti.com
TMUX1575
SCDS423 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUX1575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com