Electronic Components Datasheet Search
  English  ▼

X  

TMUX1575 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1575
Description  TMUX1575 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch in WCSP with 1.2 V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1575 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMUX1575 Datasheet HTML 17Page - Texas Instruments TMUX1575 Datasheet HTML 18Page - Texas Instruments TMUX1575 Datasheet HTML 19Page - Texas Instruments TMUX1575 Datasheet HTML 20Page - Texas Instruments TMUX1575 Datasheet HTML 21Page - Texas Instruments TMUX1575 Datasheet HTML 22Page - Texas Instruments TMUX1575 Datasheet HTML 23Page - Texas Instruments TMUX1575 Datasheet HTML 24Page - Texas Instruments TMUX1575 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Signal 1
GND Plane
Power Plane
Signal 2
Figure 11-2. Example Layout
The majority of signal traces must run on a single layer, preferably Signal 1. Immediately next to this layer must
be the GND plane, which is solid with no cuts. Avoid running signal traces across a split in the ground or power
plane. When running across split planes is unavoidable, sufficient decoupling must be used. Minimizing the
number of signal vias reduces EMI by reducing inductance at high frequencies. Figure 11-3 illustrates an
example of a PCB layout with the TMUX1575. Some key considerations are:
Decouple the VDD pin with a 0.1-μF capacitor, placed as close to the pin as possible. Make sure that the
capacitor voltage rating is sufficient for the VDD supply.
High-speed switches require proper layout and design procedures for optimum performance.
Keep the input lines as short as possible.
Use a solid ground plane to help reduce electromagnetic interference (EMI) noise pickup.
Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
11.2 Layout Example
S1B
S2B
S2A
S1A
S3A
V
DD
EN
S3B
S4A
SE L
GND
S4B
D3
D4
D1
D2
To input/output
port A
To Control
Logic
Top Layer Routing
Bottom Layer Routing
Via
To common
input/output port
SxA
To A port
To input/output
port B
Example:
SxB
To B port
Dx
To common port
Decoupling capacitor under
part on bottom layer for
lowest inductance
Figure 11-3. Example Layout
www.ti.com
TMUX1575
SCDS423 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMUX1575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com