Electronic Components Datasheet Search
  English  ▼

X  

TMUX1575 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1575
Description  TMUX1575 2:1 (SPDT) 4-Channel, Powered-Off Protected Switch in WCSP with 1.2 V Logic
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX1575 Datasheet(HTML) 2 Page - Texas Instruments

  TMUX1575 Datasheet HTML 1Page - Texas Instruments TMUX1575 Datasheet HTML 2Page - Texas Instruments TMUX1575 Datasheet HTML 3Page - Texas Instruments TMUX1575 Datasheet HTML 4Page - Texas Instruments TMUX1575 Datasheet HTML 5Page - Texas Instruments TMUX1575 Datasheet HTML 6Page - Texas Instruments TMUX1575 Datasheet HTML 7Page - Texas Instruments TMUX1575 Datasheet HTML 8Page - Texas Instruments TMUX1575 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
Pin Functions.................................................................... 3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics ............................................5
6.6 Dynamic Characteristics ............................................ 6
6.7 Timing Requirements .................................................7
6.8 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 10
7.1 On-Resistance.......................................................... 10
7.2 Off-Leakage Current................................................. 10
7.3 On-Leakage Current................................................. 11
7.4 IPOFF Leakage Current.............................................. 11
7.5 Transition Time......................................................... 12
7.6 tON (EN) and tOFF (EN) Time......................................... 12
7.7 Break-Before-Make Delay.........................................13
7.8 Charge Injection........................................................14
7.9 Off Isolation...............................................................15
7.10 Channel-to-Channel Crosstalk................................15
7.11 Bandwidth............................................................... 16
8 Detailed Description......................................................17
8.1 Overview................................................................... 17
8.2 Functional Block Diagram......................................... 17
8.3 Feature Description...................................................17
8.4 Device Functional Modes..........................................18
9 Application and Implementation.................................. 19
9.1 Typical Application.................................................... 19
10 Power Supply Recommendations..............................20
11 Layout........................................................................... 20
11.1 Layout Guidelines................................................... 20
11.2 Layout Example...................................................... 21
12 Device and Documentation Support..........................22
12.1 Documentation Support.......................................... 22
12.2 Receiving Notification of Documentation Updates..22
12.3 Support Resources................................................. 22
12.4 Trademarks.............................................................22
12.5 Electrostatic Discharge Caution..............................22
12.6 Glossary..................................................................22
13 Mechanical, Packaging, and Orderable
Information.................................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2020
*
Initial Release
TMUX1575
SCDS423 – SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1575



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com