Electronic Components Datasheet Search
  English  ▼

X  

TPS628600 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS628600
Description  1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS628600 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS628600 Datasheet HTML 9Page - Texas Instruments TPS628600 Datasheet HTML 10Page - Texas Instruments TPS628600 Datasheet HTML 11Page - Texas Instruments TPS628600 Datasheet HTML 12Page - Texas Instruments TPS628600 Datasheet HTML 13Page - Texas Instruments TPS628600 Datasheet HTML 14Page - Texas Instruments TPS628600 Datasheet HTML 15Page - Texas Instruments TPS628600 Datasheet HTML 16Page - Texas Instruments TPS628600 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
VO
VPGTH
VPGTH
PG
PG-delay
Figure 8-3. Power Good Transient and De-glitch Behavior
The PG Indicator is by default pulled low during DVS transition of the output voltage without any blanking or
delay time. Figure 8-3 shows an example of this behavior. After Vo has reached the new target, the PG is again
active as shown in Figure 8-3.
8.3.10 Switch Current Limit / Short Circuit Protection
The TPS6286x integrates a current limit on the high-side and low-side MOSFETs to protect the device against
overload or short circuit conditions. The current in the switches is monitored cycle by cycle. If the high-side
MOSFET current limit, ILIMF, trips, the high-side MOSFET is turned off and the low-side MOSFET is turned on
to ramp down the inductor current. Once the inductor current through the low-side switch decreases below the
low-side MOSFET current limit, ILIMF, the low-side MOSFET is turned off and the high-side MOSFET turns on
again.
8.3.11 Thermal Shutdown
The junction temperature (TJ) of the device is monitored by an internal temperature sensor. If TJ exceeds the
thermal shutdown temperature TSD of 160°C (typ), the device enters thermal shutdown. Both the high-side and
low-side power FETs are turned off. When TJ decreases below the hysteresis amount of typically 20°C, the
converter resumes operation, beginning with a soft start to the originally set VOUT. The thermal shutdown is not
active in Power Save Mode.
8.3.12 Output Voltage Discharge
The purpose of the output discharge function is to ensure a defined down-ramp of the output voltage when the
device is disabled and to keep the output voltage close to 0 V. The output discharge feature is only active once
the device has been enabled at least once since the supply voltage was applied. The output discharge function
is not active if the device is disabled and the supply voltage is applied the first time. The internal discharge
resistor is connected to the VOS pin. The discharge function is enabled as soon as the device is disabled. The
minimum supply voltage required to keep the discharge function active is VI > VTH_UVLO-.
www.ti.com
TPS62860, TPS62861
SLUSDU8B – APRIL 2020 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS62860 TPS62861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com