Electronic Components Datasheet Search
  English  ▼

X  

TPS628600 Datasheet(PDF) 23 Page - Texas Instruments

Part # TPS628600
Description  1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS628600 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS628600 Datasheet HTML 19Page - Texas Instruments TPS628600 Datasheet HTML 20Page - Texas Instruments TPS628600 Datasheet HTML 21Page - Texas Instruments TPS628600 Datasheet HTML 22Page - Texas Instruments TPS628600 Datasheet HTML 23Page - Texas Instruments TPS628600 Datasheet HTML 24Page - Texas Instruments TPS628600 Datasheet HTML 25Page - Texas Instruments TPS628600 Datasheet HTML 26Page - Texas Instruments TPS628600 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
9.2.3 Application Curves
VIN = 3.8 V, VOUT = 1.1 V, TA = 25°C, BOM = Table 9-1, unless otherwise noted
Load Current [A]
40
45
50
55
60
65
70
75
80
85
90
95
100m
10m
1m
100P
10P
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.8V
VIN = 5.0V
VOUT = 1.1 V
Auto Power Save Mode
Figure 9-2. Efficiency
Load Current [A]
40
45
50
55
60
65
70
75
80
85
90
95
100m
10m
1m
100P
10P
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.8V
VIN = 5.0V
VOUT = 0.6 V
Auto Power Save Mode
Figure 9-3. Efficiency
Load Current [A]
40
45
50
55
60
65
70
75
80
85
90
95
100m
10m
1m
100P
10P
1
VIN = 2.5V
VIN = 3.3V
VIN = 3.8V
VIN = 5.0V
VOUT = 1.9875 V
Auto Power Save Mode
Figure 9-4. Efficiency
Load Current [A]
40
45
50
55
60
65
70
75
80
85
90
95
100m
10m
1m
100P
10P
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.8V
VIN = 5.0V
VOUT = 0.4 V
Auto Power Save Mode
Figure 9-5. Efficiency
Load Current [A]
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100m
10m
1m
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.8V
VIN = 5.0V
VOUT = 1.1 V
Forced PWM Operation
Figure 9-6. Efficiency, Inductor Comparison
Load Current [A]
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100m
10m
1m
1
VIN = 1.8V
VIN = 2.5V
VIN = 3.3V
VIN = 3.8V
VIN = 5.0V
VOUT = 0.6 V
Forced PWM operation
Figure 9-7. Efficiency
www.ti.com
TPS62860, TPS62861
SLUSDU8B – APRIL 2020 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPS62860 TPS62861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com