Electronic Components Datasheet Search
  English  ▼

X  

TPS628600 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS628600
Description  1.8-V to 5.5-V Input, 0.6-/1-A Synchronous Step-Down Converter with I2C/VSEL Interface
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS628600 Datasheet(HTML) 2 Page - Texas Instruments

  TPS628600 Datasheet HTML 1Page - Texas Instruments TPS628600 Datasheet HTML 2Page - Texas Instruments TPS628600 Datasheet HTML 3Page - Texas Instruments TPS628600 Datasheet HTML 4Page - Texas Instruments TPS628600 Datasheet HTML 5Page - Texas Instruments TPS628600 Datasheet HTML 6Page - Texas Instruments TPS628600 Datasheet HTML 7Page - Texas Instruments TPS628600 Datasheet HTML 8Page - Texas Instruments TPS628600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Device Comparison Table...............................................3
6 Pin Configuration and Functions...................................3
Pin Functions, TPS628610 and TPS628600.................... 3
Pin Functions, TPS628601............................................... 4
7 Specifications.................................................................. 5
7.1 Absolute Maximum Ratings........................................ 5
7.2 ESD Ratings............................................................... 5
7.3 Recommended Operating Conditions.........................5
7.4 Thermal Information ...................................................5
7.5 Electrical Characteristics.............................................6
7.6 I2C Interface Timing Characteristics ......................... 7
7.7 Typical Characteristics................................................ 9
8 Detailed Description......................................................10
8.1 Overview................................................................... 10
8.2 Functional Block Diagram......................................... 10
8.3 Feature Description...................................................11
8.4 Programming............................................................ 14
8.5 Register Map.............................................................17
9 Application and Implementation.................................. 20
9.1 Application Information............................................. 20
9.2 Typical Application, TPS628610............................... 20
10 Power Supply Recommendations..............................28
11 Layout........................................................................... 29
11.1 Layout Guidelines................................................... 29
11.2 Layout Example...................................................... 29
12 Device and Documentation Support..........................30
12.1 Device Support....................................................... 30
12.2 Receiving Notification of Documentation Updates..30
12.3 Support Resources................................................. 30
12.4 Trademarks.............................................................30
12.5 Electrostatic Discharge Caution..............................30
12.6 Glossary..................................................................30
13 Mechanical, Packaging, and Orderable
Information.................................................................... 31
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (August 2020) to Revision B (September 2020)
Page
• Changed device status of TPS62860 from Advance Information to Production Data ....................................... 1
• Added "DVS output from 0.4 V to 1.9875 V (12.5-mV steps)" feature................................................................1
• Updated value from 0x8E and 0x8F to 0x7E and 0x7F.................................................................................... 17
• Updated value from 0x8E and 0x8F to 0x7E and 0x7F.................................................................................... 18
Changes from Revision * (April 2020) to Revision A (August 2020)
Page
• Changed device status of TPS62861 from Advance Information to Production Data........................................ 1
• Updated the numbering format for tables, figures and cross-references throughout the document. .................1
TPS62860, TPS62861
SLUSDU8B – APRIL 2020 – REVISED SEPTEMBER 2020
www.ti.com
2
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS62860 TPS62861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com